Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5520 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 15Page - Texas Instruments LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments LP5520 Datasheet HTML 19Page - Texas Instruments LP5520 Datasheet HTML 20Page - Texas Instruments LP5520 Datasheet HTML 21Page - Texas Instruments LP5520 Datasheet HTML 22Page - Texas Instruments LP5520 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
19
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Current setting for each LED comes from EEPROM in the automatic mode. The same current values must be
programmed as were used in the calibration. Current control range is from 0 to 60 mA with 8-bit resolution and
the step size is 235 µA.
Common brightness control for all LEDs can be done using the pwm_brightness (05H) register. The
pwm_brightness register makes 8 level logarithmic brightness control with 3 bits. An automatic fade function
allows smooth turnon, turnoff, and brightness changes of the LEDs. White balance is maintained during fading.
A brightness correction value can be given for each LED. The PWM value obtained from the EEPROM memory
is multiplied by this correction value. This feature can be used for example for LED aging compensation or for
color adjustment by user. These values are kept in R_correction (0AH), G_correction (0BH) and B_correction
(0CH) registers. The correction multiplier can be between 0 and 2.
Due to LED self-heating, the temperature sensor and the LED temperatures will differ. The difference depends
on the thermal structure of the display module and the distance between the sensor and the LEDs. This
temperature difference can be compensated by storing the temperature difference value at highest power (100%
red LED PWM) in the EEPROM memory. The system then corrects the measured temperature based on the
actual PWM value used. The correction assumes that the red LED PWM value is representing the whole RGB
LED power consumption.
Sequential (non-overlapping) drive is possible using external PWM control inputs to trigger a new sequence in
each LED output. 60 mA maximum current setting makes possible 20 mA maximum averaged current for each
output in the non-overlapping mode.
7.4.3 Stand-Alone Mode
In stand-alone mode the operation is controlled through a single PWM brightness input, BRC. After power-up or
reset the LP5520 is ready for stand-alone operation without any setup through the serial interface. The stand-
alone mode is entered with a rising edge in the BRC input. The boost converter operates in adaptive mode. The
LED current settings are loaded from EEPROM. The LED brightness is controlled with a PWM signal in the BRC
input. The BRC PWM frequency must be from 2 to 10 kHz. The PWM signal in the BRC input is not used as
such for the LED outputs, but it is converted to 3-bit value and a logarithmic brightness control is based on this 3-
bit value, as shown in Table 9. There is hysteresis in the conversion to avoid blinking when the BRC duty cycle is
close to a threshold. When the PWM pulses end in the BRC input and the input stays low, the circuit goes to the
standby mode.
Figure 21 shows the waveforms in BRC input and ROUT output in the stand-alone mode. The circuit is in
standby mode until the first rising edge in BRC input is detected. The circuit starts up, and the outputs activate
after 30 ms from the first rising edge in BRC. The BRC frequency is assumed to 2 kHz in this example giving 0.5
ms BRC period. When the duty cycle changes in BRC, it takes two BRC periods before the change is reflected in
the output. When BRC goes permanently low, the circuit enters standby mode after 15 ms from the last BRC
pulse.
All controls through the serial interface can be used in the stand-alone mode. In Automatic and Manual mode the
control bit <brc_off> must be written high and BRC input kept low to prevent the LP5520 device from entering
stand-alone mode.
Table 9. Stand-Alone Mode Brightness Control
BRC DUTY CYCLE THRESHOLD VALUES (%)
INTENSITY
(% of maximum)
RECOMMENDED BRC PWM CONTROL VALUES
INCREASING
DECREASING
INCREASING
DECREASING
0
off
0
1
15
0.8
10
10
20
28
1.6
28
22
35
42
3.1
40
32
48
52
6.3
53
47
58
62
12.5
63
58
68
75
25
75
70
82
90
50
88
85
97
100
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com