Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5520 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments LP5520 Datasheet HTML 19Page - Texas Instruments LP5520 Datasheet HTML 20Page - Texas Instruments LP5520 Datasheet HTML 21Page - Texas Instruments LP5520 Datasheet HTML 22Page - Texas Instruments LP5520 Datasheet HTML 23Page - Texas Instruments LP5520 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
CALIBRATION
EEPROM
SPI / I2C
INTER-
FACE
AND
CONTROL
BOOST
ADC
COLOR
PWM
LOGIC
LED
DRIVERS
CURRENT
DACS
ANALOG
SUPPORT
TEMP
SENSOR
LM20
COUT
CVDDA
CVDDD
100 nF
4.7 PF
CIN
2.9 ± 5.5V
5 ± 20V
FB
SW
100 nF
10 PF
4.7 PH
L1
S1_IN
S2_IN
PWMR
PWMG
PWMB
VDDIO
NRST
SS/SDA
SCK/SCL
SI/A0
SO
IFSEL
GND_A
GND_LED
GND_SW
VDDD
VDDA
CVLDO
1 PF
LP5520
VLDO
20 mA
BRC
GND_T
ROUT
GOUT
BOUT
PWM INPUT
ON/OFF/
BRIGHTNESS
20 mA
20 mA
CVDDIO
100 nF
ADAPTIVE
BRC
ROUT
Turn on delay
Turn off
delay
15 ms
PWM
cycle
Change
delay
2 periods
BRC
period
50 Ps
200 Ps
30 ms
20
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 21. LP5520 Control and Output Waveforms in Stand-Alone Mode
Figure 22. LP5520 Connections in Stand-Alone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com