Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5520 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 10Page - Texas Instruments LP5520 Datasheet HTML 11Page - Texas Instruments LP5520 Datasheet HTML 12Page - Texas Instruments LP5520 Datasheet HTML 13Page - Texas Instruments LP5520 Datasheet HTML 14Page - Texas Instruments LP5520 Datasheet HTML 15Page - Texas Instruments LP5520 Datasheet HTML 16Page - Texas Instruments LP5520 Datasheet HTML 17Page - Texas Instruments LP5520 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ROUT
GOUT
BOUT
PWMR
PWMG
PWMB
10 ms/100 Hz
3.333 ms
3.333 ms
3.333 ms
Dead time
1
2
3
4
Internal PWM cycle
1
2
3
4
1
2
3
4
ROUT
GOUT
BOUT
0%
50%
100%
819 Ps/1.22 kHz in normal PWM
52 Ps/19.2 kHz in fast PWM
14
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Figure 17. Pulse Positions in the PWM Cycle
7.3.2.4 Sequential Mode
Completely non-overlapping timing can be obtained by using the sequential mode as shown in Figure 18. The
timing is defined with external PWM control inputs. The minimum trigger pulse width in the PWM inputs is 1 µs.
There is no limitation on the maximum width of the pulse as long as it is shorter than the whole sequence.
Figure 18. Non-Overlapping External Synchronized Sequential Mode
In sequential mode the PWM cycle is synchronized to trigger pulses and the amount of PWM pulses per trigger
can be defined to 2, 3 or 4 using the <seq_mode0> and <seq_mode1> control bits. This makes possible to use
sequence lengths of about 5 ms, 7.5 ms or 10 ms. Fast PWM can be used in sequential mode, but the frame
timing is as with normal PWM.
The PWM timing and synchronization timing originate from different clock sources. Some margin must be
allowed for clock tolerances. This margin shows as a dead time in the waveform graph. Some dead time must be
allowed so that no PWM pulse is clipped. Clipping would distort the intensity balance between the LEDs. The
dead time causes some intensity reduction, but assures the current balance.
PWM mode is defined by <seq_mode1> and <seq_mode2> control bits of rgb_control (00H) register:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com