Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5520 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP5520
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP5520 Datasheet HTML 5Page - Texas Instruments LP5520 Datasheet HTML 6Page - Texas Instruments LP5520 Datasheet HTML 7Page - Texas Instruments LP5520 Datasheet HTML 8Page - Texas Instruments LP5520 Datasheet HTML 9Page - Texas Instruments LP5520 Datasheet HTML 10Page - Texas Instruments LP5520 Datasheet HTML 11Page - Texas Instruments LP5520 Datasheet HTML 12Page - Texas Instruments LP5520 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
CALIBRATION
EEPROM
SPI/I2C
INTER-
FACE
AND
CONTROL
BOOST
ADC
COLOR
PWM
LOGIC
LED
DRIVERS
CURRENT
DACS
ANALOG
SUPPORT
TEMP
SENSOR
LM20
MCU or
TESTER
with SPI
interface
COUT
CVDDD
CVDDA
100 nF
4.7 PF
CIN
2.9 V± 5.5V
5 V ± 20V
FB
SW
100 nF
2 x
4.7 PF
4.7 PH
L1
ROUT
S1_IN
S2_IN
PWMR
PWMG
PWMB
VDDIO
RST
SS/SDA
SCK/SCL
SI/A0
SO
IFSEL
GND_A
GND_LED
GND_SW
CVDDIO
100 nF
VDDD
VDDA
CVLDO 1 PF
LP5520
VLDO
0 ± 60 mA
0 ± 60 mA
0 ± 60 mA
BRC
Optional EMI
filter
close to SW pin
Optional
Ferrite
Bead
D1
GND_T
CSW
RSW
3.9 :
330 pF
Optional HF
capacitor
CHF
68 pF
GOUT
BOUT
LSW
9
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP5520 is an RGB backlight LED driver for small format color LCDs. The LP5520 offers a small and simple
driver solution without need for optical feedback. Calibration in display module production can be done in one
temperature. The LP5520 produces true white light over a wide temperature range.
Three independent LED drivers have accurate programmable current sinks with up to 60 mA current capability
and PWM modulation control. Using internal calibration memory and external temperature sensor, the RGB LED
currents are adjusted for perfect white balance independent of the brightness setting or temperature. The user
programmable calibration memory has intensity vs temperature data for each color. This white balance
calibration data can be programmed to the memory on the production line of a backlight module.
The LP5520 has a magnetic boost converter that creates supply voltage up to 20-V LED from the battery
voltage. The output can be set at 1-V step from 5 V to 20 V. In adaptive mode the circuit automatically adjusts
the output voltage to minimum sufficient level for lowest power consumption.
Temperature is measured using an external temperature sensor placed close to the LEDs. The second ADC
input can be used, for example, for ambient light measurement.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Start-Up Powering
VDDD and VDDA must be tied together and turned on first. VDDIO must be turned on at the same time as VDDD or
later. In the power-off sequence VDDIO must be turned off before VDDD or at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com