Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 12Page - Texas Instruments LP55281 Datasheet HTML 13Page - Texas Instruments LP55281 Datasheet HTML 14Page - Texas Instruments LP55281 Datasheet HTML 15Page - Texas Instruments LP55281 Datasheet HTML 16Page - Texas Instruments LP55281 Datasheet HTML 17Page - Texas Instruments LP55281 Datasheet HTML 18Page - Texas Instruments LP55281 Datasheet HTML 19Page - Texas Instruments LP55281 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
16
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 1. LED Current Level Adjust
Rx_IPLS[7:6], Gx_IPLS[7:6], Bx_IPLS[7:6]
SINK CURRENT PULSE (IMAX = 100 × 1.23 / RRGB) – IPLS
00
0.25 × IMAX
01
0.50 × IMAX
10
0.75 × IMAX
11
1.00 × IMAX
Table 2. LED PWM Control
Rx_PWM[5:0], Gx_PWM[5:0], Bx_PWM[5:0]
AVERAGE SINK CURRENT
PULSE RATIO (%)
000 000
0
0
000 001
1/63 × IPLS
1.6
000 010
2/63 × IPLS
3.2
...
...
...
111 110
62/63 × IPLS
98.4
111 111
63/63 × IPLS
100
Each RGB set must be enabled separately by setting EN_RGBx bit to 1. The device must be enabled (NSTBY =
1) before the RGB outputs can be activated.
When any of EN_RGBx bits are set to 1 and NSTBY = 1, the RGB driver takes a certain quiescent current from
battery even if all PWM control bits are 0. The quiescent current is dependent on RRGB resistor, and can be
calculated from formula IR_RGB = 1.23 V / RRGB.
7.3.2.1 PWM Control Timing
PWM frequency can be selected from 3 predefined values: 10 kHz, 20 kHz, and 40 kHz. The frequency is
selected with FPWM1 and FPWM0 bits, see Table 3.
Table 3. PWM Frequency
FPWM1
FPWM0
PWM FREQUENCY (fPWM)
0
0
9.92 kHz
0
1
19.84 kHz
1
0
39.68 kHz
1
1
39.68 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com