Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281 Datasheet(PDF) 33 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 29Page - Texas Instruments LP55281 Datasheet HTML 30Page - Texas Instruments LP55281 Datasheet HTML 31Page - Texas Instruments LP55281 Datasheet HTML 32Page - Texas Instruments LP55281 Datasheet HTML 33Page - Texas Instruments LP55281 Datasheet HTML 34Page - Texas Instruments LP55281 Datasheet HTML 35Page - Texas Instruments LP55281 Datasheet HTML 36Page - Texas Instruments LP55281 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
0.0
100.0
200.0
300.0
400.0
500.0
TIME (é
s)
5.1
4.8
4.4
4.1
3.7
3.4
VOUT TARGET VALUE = 5V
VIN = 3.6V
5.1
4.8
4.4
4.1
3.7
3.4
TIME (100 é
s/DIV)
ILOAD = 50 mA
VIN = 3.0V TO 3.6V
VOUT = 5V (10 mV/DIV)
VIN = 1V/DIV
TIME (200 ns/DIV)
33
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.2.1.4
Output Diode, D1
A Schottky diode must be used for the output diode. To maintain high efficiency the average current rating of the
Schottky diode must be larger than the peak inductor current (1 A). Schottky diodes with a low forward drop and
fast switching speeds are ideal for increasing efficiency in portable applications. Choose a reverse breakdown of
the Schottky diode larger than the output voltage. Do not use ordinary rectifier diodes, since slow switching
speeds and long recovery times cause the efficiency and the load regulation to suffer.
8.2.2.1.5
Inductor, L
The high switching frequency of the LP55281 device enables the use of the small surface mount inductor. A 4.7-
µH shielded inductor is suggested for 2-MHz operation, use 10 µH at 1 MHz. The inductor should have a
saturation current rating higher than the peak current it will experience during circuit operation (approximately 1
A). Less than 300-m
Ω ESR is suggested for high efficiency. Open core inductors cause flux linkage with circuit
components and interfere with the normal operation of the circuit. This should be avoided. For high efficiency,
choose an inductor with a high frequency core material such as ferrite to reduce the core losses. To minimize
radiated noise, use a toroid, pot core or shielded core inductor. TI recommends inductors LPS3015 and LPS4012
from Coilcraft and VLF4012 from TDK.
8.2.3 Application Curves
Figure 27. Boost Typical Waveforms With 100 mA Load
Figure 28. Boost Line Regulation
Figure 29. Boost Start-up With No Load
50 - 100 mA
Figure 30. Boost Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com