Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281 Datasheet(PDF) 20 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 16Page - Texas Instruments LP55281 Datasheet HTML 17Page - Texas Instruments LP55281 Datasheet HTML 18Page - Texas Instruments LP55281 Datasheet HTML 19Page - Texas Instruments LP55281 Datasheet HTML 20Page - Texas Instruments LP55281 Datasheet HTML 21Page - Texas Instruments LP55281 Datasheet HTML 22Page - Texas Instruments LP55281 Datasheet HTML 23Page - Texas Instruments LP55281 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ADC
20
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
With values other than those in Table 7, the current value can be calculated to be (15 mA / 255) × ALED[7:0],
where ALED[7:0] is value in decimals.
Figure 15. Principle of LED Connection to ADC
7.3.4 LED Test Interface
All LED pin voltages and boost output voltage in LP55281 can be measured and value can be read through the
SPI/I2C compatible interface. MUX_LED[3:0] bits in the LED test register (address 12h) are used to select one of
the LED outputs or boost output for measurement. The selected output is connected to the internal ADC through
a 55-k
Ω resistor divider. The AD conversion is activated by setting the EN_LTEST bit to 1. The first conversion is
ready after 128 µs from this. The result can be read from the ADC output register (address 13h). The device
executes the AD conversions automatically once in every 128 µs period, as long as the EN_LTEST bit is 1.
User can set the preferred DC current level with the LED driver controls. The PWM of the RGB drivers must be
set to 100% — otherwise random variation can appear on results. Note that the 55-k
Ω resistor divider causes
small additional current through the LED under measurement.
ADC result can be converted into a voltage value (of the selected pin) by multiplying the ADC result (in decimals)
with 27.345 mV (value of LSB). The calculated voltage value is the voltage between the selected pin and ground.
The internal LDO voltage is used as a reference voltage for the conversion. The accuracy of LDO is ± 3%, which
is defining the overall accuracy. The non-linearity and offset figures are both better than 2LSB.
Table 8. LED Multiplexing (Register 12h)
MUX_LED[3:0]
CONNECTION
0000
R1
0001
G1
0010
B1
0011
R2
0100
G2
0101
B2
0110
R3
0111
G3
1000
B3
1001
R4
1010
G4
1011
B4
1100
ALED
1101
—
1110
1111
Boost output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com