Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55281 Datasheet(PDF) 35 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 31Page - Texas Instruments LP55281 Datasheet HTML 32Page - Texas Instruments LP55281 Datasheet HTML 33Page - Texas Instruments LP55281 Datasheet HTML 34Page - Texas Instruments LP55281 Datasheet HTML 35Page - Texas Instruments LP55281 Datasheet HTML 36Page - Texas Instruments LP55281 Datasheet HTML 37Page - Texas Instruments LP55281 Datasheet HTML 38Page - Texas Instruments LP55281 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
35
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The inductive boost converter of the LP55281 regulates a switched voltage at the SW pin, and a step current (up
to ICL) through the Schottky diode and output capacitor each switching cycle. The switching voltage can create
interference into nearby nodes due to electric field coupling (I = CdV/dt). The large step current through the diode
and the output capacitor can cause a large voltage spike at the SW pin and the OUT pin due to parasitic
inductance in the step current conducting path (V = Ldi/dt). Board layout guidelines are geared towards
minimizing this electric field coupling and conducted noise.
The following list details the main (layout sensitive) areas of the LP55281 device's inductive boost converter in
order of decreasing importance:
•
Output Capacitor
–
Schottky cathode to COUT+
–
COUT– to GND
•
Schottky Diode
–
SW pin to Schottky anode
–
Schottky Cathode to COUT+
•
Inductor
–
SW Node PCB capacitance to other traces
•
Input Capacitor
–
CIN+ to IN pin
10.1.1 Boost Output Capacitor Placement
Because the output capacitor is in the path of the inductor current discharge path it detects a high-current step
from 0 to IPEAK each time the switch turns off and the Schottky diode turns on. Any parasitic inductance (LP_)
along this series path from the cathode of the diode through COUT and back into the GND pin of the LP55281
device GND pin contributes to voltage spikes (VSPIKE = LP_ × di/dt) at SW and FB. These spikes can
potentially over-voltage the SW pin, or feed through to GND. To avoid this, COUT+ must be connected as close
as possible to the cathode of the Schottky diode, and COUT
− must be connected as close the the GND pin of
the device as possible. The best placement for COUT is on the same layer as the LP55281 in order to avoid any
vias that can add excessive series inductance.
10.1.2 Schottky Diode Placement
In the boost circuit of the LP55281 device the Schottky diode is in the path of the inductor current discharge. As
a result the Schottky diode sees a high-current step from 0 to IPEAK each time the switch turns off and the diode
turns on. Any parasitic inductance (LP) in series with the diode causes a voltage spike (VSPIKE = LP × di/dt) at
SW and OUT. This can potentially over-voltage the SW pin, or feed through to VOUT and through the output
capacitor and into GND. Connecting the anode of the diode as close as possible to the SW pin and the cathode
of the diode as close as possible to COUT and reduces the parasitic inductance and minimize these voltage
spikes.
10.1.3 Inductor Placement
The node where the inductor connects to the LP55281 device's SW pin has 2 concerns. First, the switched
voltage (0 to VOUT + VF_SCHOTTKY) appears on this node every switching cycle. This switched voltage can be
capacitively coupled into nearby nodes. Second, there is a relatively large current (input current) on the traces
connecting the input supply to the inductor and connecting the inductor to the SW bump. Any resistance in this
path can cause voltage drops that can negatively affect efficiency and reduce the input operating voltage range.
To reduce the capacitive coupling of the signal on SW into nearby traces, the SW bump-to-inductor connection
must be minimized in area. This limits the PCB capacitance from SW to other traces. Additionally, high
impedance nodes that are more susceptible to electric field coupling need to be routed away from SW and not
directly adjacent or beneath. This is especially true for sensitive analog signals (ASE1, ASE2, FB, IRT, IRGB,
VREF). A GND plane placed directly below SW dramatically reduces the capacitance from SW into nearby
traces. Lastly, limit the trace resistance of the VIN to inductor connection and from the inductor to SW
connection, by use of short, wide traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com