Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP386EC Datasheet(PDF) 2 Page - Texas Instruments

Part # MP386EC
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MP386EC Datasheet(HTML) 2 Page - Texas Instruments

  MP386EC Datasheet HTML 1Page - Texas Instruments MP386EC Datasheet HTML 2Page - Texas Instruments MP386EC Datasheet HTML 3Page - Texas Instruments MP386EC Datasheet HTML 4Page - Texas Instruments MP386EC Datasheet HTML 5Page - Texas Instruments MP386EC Datasheet HTML 6Page - Texas Instruments MP386EC Datasheet HTML 7Page - Texas Instruments MP386EC Datasheet HTML 8Page - Texas Instruments MP386EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DIN2
DOUT3
9
15
Powerdown
RIN1
14
20
11
PWRDOWN
ROUT1
DIN1
DOUT2
8
16
RIN2
13
10
ROUT2
DIN1
DOUT1
7
17
5 K
5 K
MAX3386E
SLLS659B
– MAY 2006 – REVISED MARCH 2011
www.ti.com
Table 1. TRUTH TABLE (SHUTDOWN FUNCTION)
DRIVER
PWRDWN
RECEIVER OUTPUTS
CHARGE PUMP
OUTPUTS
L
High-Z
High-Z
Inactive
H
Active
Active
Active
FUNCTIONAL BLOCK DIAGRAM
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NAME
NO.
C1+
1
Positive terminal of the voltage-doubler charge-pump capacitor
V+
2
5.5-V supply generated by the charge pump
C1
–
3
Negative terminal of the voltage-doubler charge-pump capacitor
C2+
4
Positive terminal of the inverting charge-pump capacitor
C2
–
5
Negative terminal of the inverting charge-pump capacitor
V
–
6
–5.5-V supply generated by the charge pump
DIN1
7
DIN2
8
Driver inputs
DIN3
9
ROUT2
10
Receiver outputs. Swing between 0 and VL.
ROUT1
11
VL
12
Logic-level supply. All CMOS inputs and outputs are referenced to this supply.
RIN2
13
RS-232 receiver inputs
RIN1
14
DOUT3
15
DOUT2
16
RS-232 driver outputs
DOUT1
17
GND
18
Ground
2
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): MAX3386E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com