Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP386EC Datasheet(PDF) 3 Page - Texas Instruments

Part # MP386EC
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MP386EC Datasheet(HTML) 3 Page - Texas Instruments

  MP386EC Datasheet HTML 1Page - Texas Instruments MP386EC Datasheet HTML 2Page - Texas Instruments MP386EC Datasheet HTML 3Page - Texas Instruments MP386EC Datasheet HTML 4Page - Texas Instruments MP386EC Datasheet HTML 5Page - Texas Instruments MP386EC Datasheet HTML 6Page - Texas Instruments MP386EC Datasheet HTML 7Page - Texas Instruments MP386EC Datasheet HTML 8Page - Texas Instruments MP386EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MAX3386E
www.ti.com
SLLS659B
– MAY 2006 – REVISED MARCH 2011
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NAME
NO.
VCC
19
3-V to 5.5-V supply voltage
Powerdown input
PWRDWN
20
L = Powerdown
H = Normal operation
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX UNIT
VCC to GND
–0.3
6
V
VL to GND
–0.3
VCC + 0.3
V
V+ to GND
–0.3
7
V
V
– to GND
0.3
–7
V
V+ + |V
–|(2)
13
V
DIN, PWRDWN to GND
–0.3
6
VI
Input voltage
V
RIN to GND
±25
DOUT to GND
±13.2
VO
Output voltage
V
ROUT
–0.3
VL + 0.3
Short-circuit duration DOUT to GND
Continuous
TA = 70°C, 20-pin TSSOP
Continuous power dissipation
559
mW
(derate 7 mW/
°C above 70°C)
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
(2)
V+ and V
– can have maximum magnitudes of 7 V, but their absolute difference cannot exceed 13 V.
Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage
3
5.5
V
VL
Supply voltage
2.25
VCC
V
VL = 3 V or 5.5 V
0.8
Input logic threshold low
DIN, PWRDWN
V
VL = 2.3 V
0.6
VL = 5.5 V
2.4
Input logic threshold high
DIN, PWRDWN
VL = 3 V
2.0
V
VL = 2.7 V
1.4
MAX3386ECPWR
0
70
Operating temperature
°C
MAX3386EIPWR
–40
85
Receiver input voltage
–25
25
V
Electrical Characteristics
over operating free-air temperature range, VCC = VL = 3 V to 5.5 V, C1–C4 = 0.1 μF (tested at 3.3 V ± 10%), C1 = 0.047 μF,
C2
–C4 = 0.33 μF (tested at 5 V ± 10%) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
DC Characteristics (VCC = 3.3 V or 5 V, TA = 25°C)
Powerdown supply current
PWRDWN = GND, All inputs at VCC or GND
1
10
μA
(1)
Typical values are at VCC = VL = 3.3 V, TA = 25°C.
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): MAX3386E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com