Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP386EC Datasheet(PDF) 7 Page - Texas Instruments

Part # MP386EC
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MP386EC Datasheet(HTML) 7 Page - Texas Instruments

Back Button MP386EC Datasheet HTML 3Page - Texas Instruments MP386EC Datasheet HTML 4Page - Texas Instruments MP386EC Datasheet HTML 5Page - Texas Instruments MP386EC Datasheet HTML 6Page - Texas Instruments MP386EC Datasheet HTML 7Page - Texas Instruments MP386EC Datasheet HTML 8Page - Texas Instruments MP386EC Datasheet HTML 9Page - Texas Instruments MP386EC Datasheet HTML 10Page - Texas Instruments MP386EC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
ROUT2
10
ROUT1
11
RIN2 13
GND
18
TTL/CMOS
Inputs
DIN1
7
C2−
5
C2+
4
C1−
3
C1+
1
RIN1 14
DOUT2 16
DOUT1 17
V−
6
V+
2
VCC
V L
3.3 V
DOUT3 15
TTL/CMOS
Outputs
5k
Ω
5k
Ω
C3
0.1
µF
C4
0.1
µF
20
19
12
C1
0.1mF
C2
0.1mF
PWRDWN
DIN2
DIN3
CBYPASS
VL
VL
MAX3386E
www.ti.com
SLLS659B
– MAY 2006 – REVISED MARCH 2011
APPLICATION INFORMATION
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): MAX3386E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com