Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP386EC Datasheet(PDF) 4 Page - Texas Instruments

Part # MP386EC
Description  RS-232 TRANSCEIVER WITH SPLIT SUPPLY PIN FOR LOGIC SIDE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MP386EC Datasheet(HTML) 4 Page - Texas Instruments

  MP386EC Datasheet HTML 1Page - Texas Instruments MP386EC Datasheet HTML 2Page - Texas Instruments MP386EC Datasheet HTML 3Page - Texas Instruments MP386EC Datasheet HTML 4Page - Texas Instruments MP386EC Datasheet HTML 5Page - Texas Instruments MP386EC Datasheet HTML 6Page - Texas Instruments MP386EC Datasheet HTML 7Page - Texas Instruments MP386EC Datasheet HTML 8Page - Texas Instruments MP386EC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MAX3386E
SLLS659B
– MAY 2006 – REVISED MARCH 2011
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range, VCC = VL = 3 V to 5.5 V, C1–C4 = 0.1 μF (tested at 3.3 V ± 10%), C1 = 0.047 μF,
C2
–C4 = 0.33 μF (tested at 5 V ± 10%) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Supply current
PWRDWN = VCC, No load
0.3
1
mA
ESD Protection
PARAMETER
TEST CONDITIONS
TYP
UNIT
Human-Body Model
±15
RIN, DOUT
IEC 61000-4-2 Air-Gap Discharge
±15
kV
IEC 61000-4-2 Contact Discharge
±8
4
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): MAX3386E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com