Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1807PW Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM1807PW Datasheet HTML 13Page - Texas Instruments PCM1807PW Datasheet HTML 14Page - Texas Instruments PCM1807PW Datasheet HTML 15Page - Texas Instruments PCM1807PW Datasheet HTML 16Page - Texas Instruments PCM1807PW Datasheet HTML 17Page - Texas Instruments PCM1807PW Datasheet HTML 18Page - Texas Instruments PCM1807PW Datasheet HTML 19Page - Texas Instruments PCM1807PW Datasheet HTML 20Page - Texas Instruments PCM1807PW Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.ti.com
BCK
LRCK
DOUT
t(BCKH)
t(BCKL)
t(CKLR)
t(LRCP)
t(BCKP)
t(CKDO)
t(LRDO)
0.5 VDD
0.5 VDD
0.5 VDD
T0018-02
BCK
SCKI
t(SCKBCK)
1.4 V
0.5 VDD
T0074-01
t(SCKBCK)
PCM1807
SLES147 – SEPTEMBER 2005
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
150
1/(64 fS)
1000
ns
t(BCKH)
BCK pulse duration, HIGH
65
600
ns
t(BCKL)
BCK pulse duration, LOW
65
600
ns
t(CKLR)
Delay time, BCK falling edge to LRCK valid
–10
20
ns
t(LRCP)
LRCK period
10
1/fS
65
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
NOTE: Timing measurement reference level is 0.5 VDD. Load capacitance of all signals is 20 pF.
Figure 23. Audio Data Interface Timing (Master Mode: LRCK and BCK Work as Outputs)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(SCKBCK)
Delay time, SCKI rising edge to BCK edge
5
30
ns
NOTE: Timing measurement reference level is 1.4 V for input and 0.5 VDD for output. Load capacitance of BCK is 20 pF. This
timing is applied when SCKI frequency is less than 25 MHz.
Figure 24. Audio Clock Interface Timing (Master Mode: BCK Works as Output)
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com