Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1807PW Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1807PW
Description  Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1807PW Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1807PW Datasheet HTML 15Page - Texas Instruments PCM1807PW Datasheet HTML 16Page - Texas Instruments PCM1807PW Datasheet HTML 17Page - Texas Instruments PCM1807PW Datasheet HTML 18Page - Texas Instruments PCM1807PW Datasheet HTML 19Page - Texas Instruments PCM1807PW Datasheet HTML 20Page - Texas Instruments PCM1807PW Datasheet HTML 21Page - Texas Instruments PCM1807PW Datasheet HTML 22Page - Texas Instruments PCM1807PW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
www.ti.com
FUNCTION CONTROL
MUTE
POLARITY CONTROL
MODE CONTROL REGISTER RESET
PCM1807
SLES147 – SEPTEMBER 2005
The PCM1807 has the following functions which can be controlled through the serial control port. When the
LRCK (fS), SCKI, MD[1:0], or FMT bit is changed on the fly, a clock-halt reset or an immediate reset by PDWN or
SRST via the serial control port is recommended to obtain stable analog performance.
The MUTE bit controls fade-in and fade-out operation for DOUT. When the MUTE bit is set from 0 to 1, the
fade-out operation provides step-down digital attenuation to prevent a pop noise. When the MUTE bit is set from
1 to 0, the fade-in operation provides a step-up digital gain to prevent a pop noise. The digital output of DOUT
behaves as shown in Figure 18.
Table 4. Mute On/Off Control
MUTE
MUTE CONTROL
0
Normal operation (default)
1
Mute on
By setting PREV = 1, the PCM1807 inverts the data on DOUT relative to that of the analog signal on VINL/VINR
(pin 13/pin 14). Because the inversion occurs immediately after the PREV bit changes, pop noise can be
generated at the change. It is recommended that MUTE or PDWN be asserted before using PREV.
Table 5. Polarity Control
PREV
POLARITY CONTROL
0
Normal operation (default)
1
Invert
The MRST bit is used to reset the mode control register to the default setting.
Table 6. Mode Control Register Reset
MRST
MODE CONTROL REGISTER RESET
0
Set default value
1
Normal operation (default)
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com