Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804DB Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1804DB
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DB Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1804DB Datasheet HTML 10Page - Texas Instruments PCM1804DB Datasheet HTML 11Page - Texas Instruments PCM1804DB Datasheet HTML 12Page - Texas Instruments PCM1804DB Datasheet HTML 13Page - Texas Instruments PCM1804DB Datasheet HTML 14Page - Texas Instruments PCM1804DB Datasheet HTML 15Page - Texas Instruments PCM1804DB Datasheet HTML 16Page - Texas Instruments PCM1804DB Datasheet HTML 17Page - Texas Instruments PCM1804DB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
www.ti.com
LINEAR PHASE ANTIALIAS DIGITAL FILTER FREQUENCY RESPONSE - Dual-Rate
Normalized Frequency − y fS
−200
−150
−100
−50
0
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
G020
fS = 96 kHz
Normalized Frequency − y fS
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.00
0.25
0.50
0.75
1.00
G021
fS = 96 kHz
Normalized Frequency − y fS
−0.10
−0.08
−0.06
−0.04
−0.02
0.00
0.02
0.0
0.1
0.2
0.3
0.4
0.5
0.6
G022
fS = 96 kHz
Normalized Frequency − y fS
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
0.45
0.47
0.49
0.51
0.53
0.55
G023
fS = 96 kHz
−6.02 dB at 0.5 fS
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER (continued)
OVERALL CHARACTERISTICS
STOP-BAND ATTENUATION CHARACTERISTICS
FOR DUAL-RATE FILTER
FOR DUAL-RATE FILTER
Figure 20.
Figure 21.
PASS-BAND RIPPLE CHARACTERISTICS
TRANSIENT BAND CHARACTERISTICS
FOR DUAL-RATE FILTER
FOR DUAL-RATE FILTER
Figure 22.
Figure 23.
14
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com