Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM3060
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060 Datasheet(HTML) 2 Page - Texas Instruments

  PCM3060 Datasheet HTML 1Page - Texas Instruments PCM3060 Datasheet HTML 2Page - Texas Instruments PCM3060 Datasheet HTML 3Page - Texas Instruments PCM3060 Datasheet HTML 4Page - Texas Instruments PCM3060 Datasheet HTML 5Page - Texas Instruments PCM3060 Datasheet HTML 6Page - Texas Instruments PCM3060 Datasheet HTML 7Page - Texas Instruments PCM3060 Datasheet HTML 8Page - Texas Instruments PCM3060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
The PCM3060 can be software-controlled through a 3-wire SPI-compatible or 2-wire I2C-compatible serial
interface, which provides access to all functions including digital attenuation, soft mute, de-emphasis etc.
The PCM3060 can be also used in hardware mode, which provides three basic functions.
The PCM3060 is fabricated using a highly advanced CMOS process and is available in a small 28-pin TSSOP
package.
The PCM3060 is suitable for various sound processing applications for DVD-RW, digital TV, STB, and other AV
equipment.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC
–0.3 to 6.5
Supply voltage
V
VDD
–0.3 to 4
Ground voltage differences
AGND1, AGND2, DGND, SGND
±0.1
V
RST, MS, MC, MD, SCKI1, SCKI2, DIN
–0.3 to 6.5
V
Digital input voltage
BCK1, BCK2, LRCK1, LRCK2, DOUT
–0.3 to (VDD + 0.3 V) < 4
V
ZEROL, ZEROR, MODE
–0.3 to (VDD + 0.3 V) < 4
V
Analog input voltage
VINL, VINR, VCOM, VOUTL+, VOUTL–, VOUTR+, VOUTR–
–0.3 to (VCC + 0.3 V) < 6.5
V
Input current (any pins except supplies)
±10
mA
TA
Ambient temperature under bias
–40 to 125
°C
Tstg
Storage temperature
–55 to 150
°C
TJ
Junction temperature
150
°C
Lead temperature (soldering)
260, 5 s
°C
Package temperature (IR reflow, peak)
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Analog supply voltage
4.5
5
5.5
V
VDD
Digital supply voltage
2.7
3.3
3.6
V
Digital input interface level
TTL compatible
Sampling frequency, LRCK1, LRCK2
16
96/192
kHz
Digital input clock frequency
System clock frequency, SCKI1, SCKI2
2.048
36.864
MHz
Analog input level
3
Vpp
AC-coupled
5
k
Ω
Analog output load resistance
DC-coupled
10
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature
–25
25
85
°C
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com