Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM3060
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM3060 Datasheet HTML 30Page - Texas Instruments PCM3060 Datasheet HTML 31Page - Texas Instruments PCM3060 Datasheet HTML 32Page - Texas Instruments PCM3060 Datasheet HTML 33Page - Texas Instruments PCM3060 Datasheet HTML 34Page - Texas Instruments PCM3060 Datasheet HTML 35Page - Texas Instruments PCM3060 Datasheet HTML 36Page - Texas Instruments PCM3060 Datasheet HTML 37Page - Texas Instruments PCM3060 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
www.ti.com
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 68
0
1
0
0
0
1
0
0
RSV
OVER
RSV
RSV
RSV
DREV2
MUT22
MUT21
OVER: Oversampling Rate Control (DAC)
Default value: 0
OVER
System clock = 512 fS or 768 fS
System clock = 256 fS or 384 fS
System clock = 128 fS or 192 fS
OVER = 0
×64 Oversampling (default)
×32 Oversampling (default)
×16 Oversampling (default)
OVER = 1
×128 Oversampling
×64 Oversampling
×32 Oversampling
The OVER bit is used to control the oversampling rate of the delta-sigma D/A converters.
Setting OVER = 1 might improve out-of-band noise characteristics in some application environments, but it might
also slightly affect baseband performance.
Writing over this bit during normal operation may generate pop noise.
DREV2: Output Phase Select (DAC)
Default value: 0
DREV2 = 0
Normal output (default)
DREV2 = 1
Inverted output
The DREV2 bit is used to control the phase of the analog signal outputs (VOUTL and VOUTR).
MUT2x: Soft Mute Control (DAC)
where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) and VOUTR (x = 2).
Default value: 0
MUT2x = 0
Mute disabled (default)
MUT2x = 1
Mute enabled
The mute bits, MUT21 and MUT22, are used to enable or disable the soft mute function for the corresponding
DAC outputs, VOUTL and VOUTR. The soft mute function is incorporated into the digital attenuators. When mute is
disabled (MUT2x = 0), the attenuator and DAC operate normally. When mute is enabled by setting MUT2x = 1,
the digital attenuator for the corresponding output is decreased from the current setting to infinite attenuation at
the rate of one 0.5-dB step for every 8/fS time interval. By setting MUT2x = 0, the attenuator is increased to the
previously programmed attenuation level at the rate of one 0.5-dB step for every 8/fS time interval. This provides
pop-free muting of the DAC output.
34
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com