Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCM3060
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCM3060 Datasheet HTML 35Page - Texas Instruments PCM3060 Datasheet HTML 36Page - Texas Instruments PCM3060 Datasheet HTML 37Page - Texas Instruments PCM3060 Datasheet HTML 38Page - Texas Instruments PCM3060 Datasheet HTML 39Page - Texas Instruments PCM3060 Datasheet HTML 40Page - Texas Instruments PCM3060 Datasheet HTML 41Page - Texas Instruments PCM3060 Datasheet HTML 42Page - Texas Instruments PCM3060 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
www.ti.com
TYPICAL CIRCUIT CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5V
0V
C5
C4
C1
C3
Control MCU
3.3V
C2
0 V
Analog Input
MODE
MS/IFMD/ADR
V R
IN
V L
IN
V
CC
V
L+
OUT
V
R+
OUT
V
L–
OUT
V
R–
OUT
V
COM
AGND1
AGND2
SGND
RST
MC/FMT/SCL
MD/DEMP/SDA
DOUT
LRCK1
BCK1
SCKI1
V
DD
DGND
SCKI2
BCK2
LRCK2
DIN
ZEROR
ZEROL
Termination
(3)
28
(4)
28
(2)
28
(1)
28
3.3 V
3.3 V
0 V
0 V
C1, C2:0.1- Fceramiccapacitorand10- Felectrolyticcapacitor,dependonpowersupply.
C3:0.1- Fceramiccapacitorand10- Felectrolyticcapacitorisrecommended.
C4,C5:4.7- Felectrolyticcapacitorisrecommendedfor3-Hzcutofffrequency.
Theterminationformode/configurationcontrol.
Eitheroneoffollowingcircuitshastobeappliedaccordingtonecessarymode/configuration.
Resistorvaluemustbe220k , 5 %tolerance.
m
m
m
m
m
W ±
Note:
Audio
Receiver
/Encoder
Audio
Transmitter
/Decoder
AnalogOutput
PostLPF
and
Buffer
S0257-01
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
Figure 33 illustrates typical circuit connection.
Figure 33. Typical Application Diagram
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com