Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM3060
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM3060 Datasheet HTML 4Page - Texas Instruments PCM3060 Datasheet HTML 5Page - Texas Instruments PCM3060 Datasheet HTML 6Page - Texas Instruments PCM3060 Datasheet HTML 7Page - Texas Instruments PCM3060 Datasheet HTML 8Page - Texas Instruments PCM3060 Datasheet HTML 9Page - Texas Instruments PCM3060 Datasheet HTML 10Page - Texas Instruments PCM3060 Datasheet HTML 11Page - Texas Instruments PCM3060 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
www.ti.com
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
PIN
AGND1
23
–
ADC analog ground
AGND2
22
–
DAC analog ground
BCK1
5
I/O(1)
Audio data bit clock input/output for ADC
BCK2
10
I/O(1)
Audio data bit clock input/output for DAC
DGND
8
–
Digital ground
DIN
12
I(2)
Audio data digital input for DAC
DOUT
3
O
Audio data digital output for ADC
LRCK1
4
I/O(1)
Audio data left/right clock input/output for ADC
LRCK2
11
I/O(1)
Audio data left/right clock input/output for DAC
MC/SCL/FMT
1
I (2)
Mode control, clock for SPI, clock for I2C, format for H/W mode(5)
MD/SDA/DEMP
2
I/O(3)
Mode control, data for SPI, data for I2C, de-emphasis for H/W mode
This pin provides four operation modes according to its input connection. Connected directly to
VDD: SPI mode. Connected to VDD through 220-kΩ pullup resistor: H/W mode, single-ended
MODE
28
I (4)
VOUTX. Connected to DGND through 220-kΩ pulldown resistor: H/W mode, differential VOUTX.
Connected directly to DGND : I2C mode.
MS/ADR/IFMD
27
I (2)
Mode control, select for SPI with low active, address for I2C, I/F mode for H/W mode
RST
15
I (5)
Reset and power-down control input, active-low
SCKI1
6
I(2)
System clock input for ADC
SCKI2
9
I(2)
System clock input for DAC
SGND
16
–
Shield analog ground
VCC
24
–
ADC, DAC analog power supply, 5-V
VCOM
21
–
ADC, DAC voltage common decoupling
VDD
7
–
Digital power supply, 3.3-V
VINL
25
I
Analog input to ADC, L-channel
VINR
26
I
Analog input to ADC, R-channel
VOUTL–
19
O
Analog output from DAC, L-channel – in differential mode, must be open in single-ended mode
VOUTL+
20
O
Analog output from DAC, L-channel + in differential mode, L-channel in single-ended mode
ZEROL
14
O
Zero flag, L-channel
ZEROR
13
O
Zero flag, R-channel
VOUTR–
17
O
Analog output from DAC, R-channel – in differential mode, must be open in single-ended mode
VOUTR+
18
O
Analog output from DAC, R-channel + in differential mode, R-channel in single-ended mode
(1)
Schmitt-trigger input/output with 50-k
Ω typical internal pulldown resistor
(2)
Schmitt-trigger input, 5-V tolerant
(3)
Schmitt-trigger input, 5 V tolerant for SPI, H/W mode and Schmitt-trigger input/open drain LOW output, 5-V tolerant for I2C
(4)
VDD/2 biased, quad-state input
(5)
Schmitt-trigger input with 50-k
Ω typical internal pulldown resistor, 5-V tolerant
8
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com