Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32X6T Datasheet(PDF) 63 Page - STMicroelectronics

Part # STR910FAM32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6T Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STR910FAM32X6T Datasheet HTML 59Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 60Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 61Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 62Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 63Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 64Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 65Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 66Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
63/99
7.6
Supply current characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Figure 15.
Sleep mode current vs temperature with LVD on
Table 16.
Supply current characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
IDDRUN
Run Mode Current
All peripherals
on
CPU_CLK =
96 MHz
(1)(2)
1.
ARM core and peripherals active with all clocks on. Power can be conserved by turning off clocks to
peripherals which are not required.
2.
mA/MHz data valid down to 10 MHz. Below this frequency the ratio mA/MHz increases.
1.7
2.3
mA/MHz
All peripherals
off
1.3
1.6
IIDLE
Idle Mode Current
All peripherals on (2)(3)
3.
ARM core stopped and all peripheral clocks active.
1.14
1.7
mA/MHz
All peripherals off(2)(4)
4.
ARM core stopped and all peripheral clocks stopped.
0.45
0.75
mA/MHz
ISLEEP(IDD)
Sleep Mode
Current, IDD
LVD On (5)
55
825
µA
LVD Off (5)
5.
ARM core and all peripheral clocks stopped (with exception of RTC)
50
820
µA
ISLEEP(IDDQ)
Sleep Mode
Current, IDDQ
LVD On (4)
7TBD
µA
LVD Off (4)
7TBD
µA
IRTC_STBY
RTC Standby
Current
Measured on VBATT pin
0.9
1.2
µA
ISRAM_STBY
SRAM Standby
Current
Measured on VBATT pin
5
240
µA
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
20
40
60
80
100
120
-20
-40
TEMP [°C]
Vcc = 1.8 V and
Vcc = 2.0 V
and corner process
standard process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com