Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32X6T Datasheet(PDF) 81 Page - STMicroelectronics

Part # STR910FAM32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6T Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STR910FAM32X6T Datasheet HTML 77Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 78Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 79Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 80Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 81Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 82Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 83Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 84Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
81/99
7.12
Communication interface electrical characteristics
7.12.1
10/100 Ethernet MAC electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Ethernet MII interface timings
Figure 24.
MII_RX_CLK and MII_TX_CLK timing diagram
Figure 25.
MDC timing diagram
Table 39.
MII_RX_CLK and MII_TX_CLK timing table
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1Cycle time
tc(CLK)
40
ns
2
Pulse duration HIGH
tHIGH(CLK)
40%
60%
3
Pulse duration LOW
tLOW(CLK)
40%
60%
4
Transition time
tt(CLK)
1
ns
MII_RX_TCLK, MII_TX_CLK
1
2
3
4
4
1
2
3
4
4
MDC
Table 40.
MDC timing table
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1Cycle time
tc(MDC)
266
ns
2
Pulse duration HIGH
tHIGH(MDC)
40%
60%
3
Pulse duration LOW
tLOW(MDC)
40%
60%
4
Transition time
tt(MDC)
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com