Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32X6T Datasheet(PDF) 46 Page - STMicroelectronics

Part # STR910FAM32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6T Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STR910FAM32X6T Datasheet HTML 42Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 43Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 44Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 45Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 46Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 47Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 48Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 49Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
Pin description
STR91xFAx32 STR91xFAx42 STR91xFAx44
46/99
-
78
H10
P0.4
I/O
GPIO_0.4,
GP Input, HiZ
MII_RXD2,
PHY Rx data
TIM0_ICAP1,
Input Capture
GPIO_0.4,
GP Output
EMI_CS0n,
EMI Chip Select
ETM_PSTAT0,
ETM pipe status
-
85
F11
P0.5
I/O
GPIO_0.5,
GP Input, HiZ
MII_RXD3,
PHY Rx data
TIM0_ICAP2,
Input Capture
GPIO_0.5,
GP Output
EMI_CS1n,
EMI Chip Select
ETM_PSTAT1,
ETM pipe status
-
88
E11
P0.6
I/O
GPIO_0.6,
GP Input, HiZ
MII_RX_CLK,
PHY Rx clock
TIM2_ICAP1,
Input Capture
GPIO_0.6,
GP Output
EMI_CS2n,
EMI Chip Select
ETM_PSTAT2,
ETM pipe status
-
90
B12
P0.7
I/O
GPIO_0.7,
GP Input, HiZ
MII_RX_DV,
PHY data valid
TIM2_ICAP2,
Input Capture
GPIO_0.7,
GP Output
EMI_CS3n,
EMI Chip Select
ETM_TRSYNC,
ETM trace sync
-
98
B10
P1.0
I/O
GPIO_1.0,
GP Input, HiZ
MII_RX_ER,
PHY rcv error
ETM_EXTRIG,
ETM ext. trigger
GPIO_1.0,
GP Output
UART1_TX,
UART xmit data
SSP1_SCLK,
SSP mstr clk out
-
99
C10
P1.1
I/O
GPIO_1.1,
GP Input, HiZ
-
UART1_RX,
UART rcv data
GPIO_1.1,
GP Output
MII_TXD0,
MAC Tx data
SSP1_MOSI,
SSP mstr dat out
-
101
B9
P1.2
I/O
GPIO_1.2,
GP Input, HiZ
-
SSP1_MISO,
SSP mstr data in
GPIO_1.2,
GP Output
MII_TXD1,
MAC Tx data
UART0_TX,
UART xmit data
-
106
C8
P1.3
I/O
GPIO_1.3,
GP Input, HiZ
-
UART2_RX,
UART rcv data
GPIO_1.3,
GP Output
MII_TXD2,
MAC Tx data
SSP1_NSS,
SSP mstr sel out
-
109
B7
P1.4
I/O
GPIO_1.4,
GP Input, HiZ
-
I2C0_CLKIN,
I2C clock in
GPIO_1.4,
GP Output
MII_TXD3,
MAC Tx data
I2C0_CLKOUT,
I2C clock out
-
110
A7
P1.5
I/O
GPIO_1.5,
GP Input, HiZ
MII_COL,
PHY collision
CAN_RX,
CAN rcv data
GPIO_1.5,
GP Output
UART2_TX,
UART xmit data
ETM_TRCLK,
ETM trace clock
-
114
F7
P1.6
I/O
GPIO_1.6,
GP Input, HiZ
MII_CRS,
PHY carrier sns
I2C0_DIN,
I2C data in
GPIO_1.6,
GP Output
CAN_TX,
CAN Tx data
I2C0_DOUT,
I2C data out
-
116
D6
P1.7
I/O
GPIO_1.7,
GP Input, HiZ
-
ETM_EXTRIG,
ETM ext. trigger
GPIO_1.7,
GP Output
MII_MDC,
MAC mgt dat ck
ETM_TRCLK,
ETM trace clock
7
10
E2
P2.0
I/O
GPIO_2.0,
GP Input, HiZ
UART0_CTS,
Clear To Send
I2C0_CLKIN,
I2C clock in
GPIO_2.0,
GP Output
I2C0_CLKOUT,
I2C clock out
ETM_PCK0,
ETM Packet
8
11
E3
P2.1
I/O
GPIO_2.1,
GP Input, HiZ
UART0_DSR,
Data Set Ready
I2C0_DIN,
I2C data in
GPIO_2.1,
GP Output
I2C0_DOUT,
I2C data out
ETM_PCK1,
ETM Packet
21
33
M1
P2.2
I/O
GPIO_2.2,
GP Input, HiZ
UART0_DCD,
Dat Carrier Det
I2C1_CLKIN,
I2C clock in
GPIO_2.2,
GP Output
I2C1_CLKOUT,
I2C clock out
ETM_PCK2,
ETM Packet
22
35
K3
P2.3
I/O
GPIO_2.3,
GP Input, HiZ
UART0_RI,
Ring Indicator
I2C1_DIN,
I2C data in
GPIO_2.3,
GP Output
I2C1_DOUT,
I2C data out
ETM_PCK3,
ETM Packet
23
37
L4
P2.4
I/O
GPIO_2.4,
GP Input, HiZ
EXTCLK_T0T1E
xt clk timer0/1
SSP0_SCLK,
SSP slv clk in
GPIO_2.4,
GP Output
SSP0_SCLK,
SSP mstr clk out
ETM_PSTAT0,
ETM pipe status
29
45
J5
P2.5
I/O
GPIO_2.5,
GP Input, HiZ
EXTCLK_T2T3E
xt clk timer2/3
SSP0_MOSI,
SSP slv dat in
GPIO_2.5,
GP Output
SSP0_MOSI,
SSP mstr dat out
ETM_PSTAT1,
ETM pipe status
32
53
G6
P2.6
I/O
GPIO_2.6,
GP Input, HiZ
-
SSP0_MISO,
SSP mstr data in
GPIO_2.6,
GP Output
SSP0_MISO,
SSP slv data out
ETM_PSTAT2,
ETM pipe status
33
54
L7
USBCLK
_P2.7
I/O
GPIO_2.7,
GP Input, HiZ
USB_CLK48M,
48MHz to USB
SSP0_NSS,
SSP slv sel in
GPIO_2.7,
GP Output
SSP0_NSS,
SSP mstr sel out
ETM_TRSYNC,
ETM trace sync
Table 9.
Device pin description (continued)
Pkg
Pin
Name
Default Pin
Function
Default
Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com