Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR910FAM32X6T Datasheet(PDF) 51 Page - STMicroelectronics

Part # STR910FAM32X6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR910FAM32X6T Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STR910FAM32X6T Datasheet HTML 47Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 48Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 49Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 50Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 51Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 52Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 53Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 54Page - STMicroelectronics STR910FAM32X6T Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Pin description
51/99
-
122
A3
AVDD
V
ADC analog
voltage source,
2.7V - 3.6V
N/A
-
4
C3
AVSS
G
ADC analog
ground
N/A
5-
-
AVSS
_VSSQ
G
Common
ground point for
digital I/O &
analog ADC
N/A
-
123
A2
AVREF
V
ADC reference
voltage input
N/A
76
-
-
AVREF
_AVDD
V
Combined ADC
ref voltage and
ADC analog
voltage source,
2.7V - 3.6V
N/A
24
39
M3
VBATT
V
Standby
voltage input
for RTC and
SRAM backup
N/A
69
E1
VDDQ
V
V Source for
I/O and USB.
2.7V to 3.6V
N/A
15
23
J1
VDDQ
V
36
57
-
VDDQ
V
46
73
K12
VDDQ
V
54
86
B5
VDDQ
V
28
43
L5
VDDQ
V
63
102
H7
VDDQ
V
74
120
D9
VDDQ
V
--
F9
VDDQ
V
-
8
L2
VSSQ
G
Digital Ground
for
!/O and USB
N/A
16
24
K4
VSSQ
G
35
56
C5
VSSQ
G
-
-
D4
VSSQ
G
45
72
G5
VSSQ
G
55
87
J7
VSSQ
G
25
40
A8
VSSQ
G
66
105
F8
VSSQ
G
75
121
L12
VSSQ
G
Table 9.
Device pin description (continued)
Pkg
Pin
Name
Default Pin
Function
Default
Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com