Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM42H6T Datasheet(PDF) 61 Page - STMicroelectronics

Part # STR911FAM42H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM42H6T Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STR911FAM42H6T Datasheet HTML 57Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 58Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 59Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 60Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 61Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 62Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 63Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 64Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
61/99
7.4
RESET_INn and power-on-reset characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
7.5
LVD electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 14.
RESET_INn and power-on-reset characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min(1)
Typ
Max
tRINMIN
RESET_INn Valid Active Low
100
ns
tPOR
Power-On-Reset Condition
duration
VDDQ,VDD ramp
time is less than
10ms: 0V to VDD
10
ms
tRSO
RESET_OUT Duration
(Watchdog reset)
one PCLK
ns
1.
Data based on bench measurements, not tested in production.
Table 15.
LVD electrical characteristics
Symbol
Parameter
Test
Conditions
Value
Unit
Min
Typ
Max
VDD_LVD+ (1.8V)
LVD threshold during VDD rise
1.43
1.50
1.58
V
VDD_LVD- (1.8V)
LVD threshold during VDD fall
1.33
1.40
1.47
V
VDD_BRN (1.8V)
VDD brown out warning threshold
1.65
V
VDDQ_LVD+ (3.0V) LVD threshold during VDDQ rise
(1)(2)
2.32
2.45
2.57
V
VDDQ_LVD- (3.0V)
LVD threshold during VDDQ fall
(1)(2)
2.23
2.35
2.46
VDDQ_BRN (3.0V)
VDDQ brown out warning threshold
(1)(2)
2.65
V
VDDQ_LVD+ (3.3V) LVD threshold during VDDQ rise
(2)(3)
2.61
2.75
2.89
V
VDDQ_LVD- (3.3V)
LVD threshold during VDDQ fall
(2)(3)
2.52
2.65
2.78
VDDQ_BRN (3.3V)
VDDQ brown out warning threshold
(2)(3)
2.95
V
1.
For VDDQ I/O voltage operating at 2.7 - 3.3V.
2.
Selection of VDDQ operation range is made using configuration software from ST, or IDE from 3rd parties. The default
condition is VDDQ=2.7V - 3.3V.
3.
For VDDQ I/O voltage operating at 3.0 - 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com