Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM42H6T Datasheet(PDF) 68 Page - STMicroelectronics

Part # STR911FAM42H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM42H6T Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STR911FAM42H6T Datasheet HTML 64Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 65Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 66Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 67Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 68Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 69Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 70Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 71Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
68/99
7.8.2
Flash memory characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Note:
Flash read access for sequential addresses is 0 wait states at 96 MHz.
Flash read access for non-sequential accesses requires 2 wait states when FMI clock is
above 66 MHz. See STR91xF Flash Programming Manual for more information.
Table 24.
Flash memory program/erase characteristics
Parameter
Test Conditions
Value
Unit
Typ(1)
Typ after
100K W/E
cycles(1)
Max
Bank erase
Primary Bank (512 Kbytes)
8
9
11.5
s
Primary Bank (256 Kbytes)
4
4.5
6
s
Secondary Bank (32 Kbytes)
700
750
950
ms
Sector erase
Of Primary Bank (64 Kbytes)
1300
1400
1800
ms
Of Secondary Bank (8 Kbytes)
300
320
450
ms
Bank program
Primary Bank (512 Kbytes)
3700
4700
5100
ms
Primary Bank (256 Kbytes)
1900
2000
2550
ms
Secondary Bank (32 Kbytes)
250
260
320
ms
Sector program
Of Primary Bank (64 Kbytes)
500
520
640
ms
Of Secondary Bank (8 Kbytes)
60
62
80
ms
Word program
Half word (16 bits)
8
9
11
µs
1.
VDD = 1.8V, VDDQ = 3.3V, TA = 25°C.
Table 25.
Flash memory endurance
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
Program/erase cycles
Per word
100K
cycles
Data retention
20
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com