Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM42H6T Datasheet(PDF) 50 Page - STMicroelectronics

Part # STR911FAM42H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM42H6T Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STR911FAM42H6T Datasheet HTML 46Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 47Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 48Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 49Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 50Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 51Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 52Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 53Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 99 page
background image
Pin description
STR91xFAx32 STR91xFAx42 STR91xFAx44
50/99
-
74
J10
EMI_ALE
O
EMI address
latch enable
(mux mode)
N/A
-75
J9
EMI_RDn
O
EMI read
strobe
N/A
--
H8
EMI_BAA
n
O
EMI Burst
address
advance
N/A
--
K8
EMI_WAI
Tn
I
EMI Wait input
for burst mode
device
N/A
--
M8
EMI_BCL
K
O
EMI bus clock
N/A
--
A12
EMI_WE
n
O
EMI write
enable
N/A
-91
E10
TAMPER
_IN
I
Tamper
detection input
N/A
-94
D11
MII_MDI
O
I/O
MAC/PHY
management
data line
N/A
59
95
D10
USBDN
I/O
USB data (-)
bus connect
N/A
60
96
C11
USBDP
I/O
USB data (+)
bus connect
N/A
56
89
C12
RESET
_INn
I
External reset
input
N/A
62
100
A9
RESET
_OUTn
O
Global or
System reset
output
N/A
65
104
A10
X1_CPU
I
CPU oscillator
or crystal input
N/A
64
103
A11
X2_CPU
O
CPU crystal
connection
N/A
27
42
M5
X1_RTC
I
RTC oscillator
or crystal input
(32.768 kHz)
N/A
26
41
M4
X2_RTC
O
RTC crystal
connection
N/A
61
97
B11
JRTCK
O
JTAG return
clock or RTC
clock
N/A
67
107
D8
JTRSTn
I
JTAG TAP
controller reset
N/A
68
108
E8
JTCK
I
JTAG clock
N/A
69
111
A6
JTMS
I
JTAG mode
select
N/A
72
115
C6
JTDI
I
JTAG data in
N/A
73
117
B6
JTDO
O
JTAG data out
N/A
Table 9.
Device pin description (continued)
Pkg
Pin
Name
Default Pin
Function
Default
Input
Function
Alternate functions
Alternate
Input 1
Alternate
Output 1
Alternate
Output 2
Alternate
Output 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com