Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM42H6T Datasheet(PDF) 84 Page - STMicroelectronics

Part # STR911FAM42H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM42H6T Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STR911FAM42H6T Datasheet HTML 80Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 81Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 82Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 83Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 84Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 85Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 86Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 87Page - STMicroelectronics STR911FAM42H6T Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
84/99
7.12.4
I2C electrical characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 44.
I2C electrical characteristics
Symbol
Parameter
Standard I2CFast I2C
Unit
MinMax
MinMax
tBUF
Bus free time between a STOP
and START condition
4.7
1.3
ms
tHD:STA
Hold time START condition.
After this period, the first clock
pulse is generated(1)
1.
The maximum hold time of the START condition has only to be met if the interface does not stretch the low
period of SCL signal
4.0
0.6
µs
tLOW
LOW period of the SCL clock
4.7
1.3
µs
tHIGH
HIGH period of the SCL clock
4.0
0.6
µs
tSU:STA
Set-up time for a repeated
START condition
4.7
0.6
µs
tHD:DAT
Data hold time(2)
2.
The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the
undefined region of the falling edge of SCL.
00
ns
tSU:DAT
Data set-up time
250
100
ns
tR
Rise time of both SDA and SCL
signals
1000
20+0.1Cb
(3)
3.
Cb = total capacitance of one bus line in pF
300
ns
tF
Fall time of both SDA and SCL
signals
300
20+0.1Cb
(3)
300
ns
tSU:STO
Set-up time for STOP condition
4.0
0.6
µs
Cb
Capacitive load for each bus
line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com