Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
mOdel paXH - aC TrUe rms vOlT and CUrrenT
FOUR VOLTAGE RANGES (300 VAC Max)
FIVE CURRENT RANGES (5 A Max)
ACCEPTS AC OR DC COUPLED INPUTS
THREE WAY ISOLATION: POWER, INPUT AND OUTPUTS
mOdel paXs - sTrain gage inpUT
LOAD CELL, PRESSURE AND TORQUE BRIDGE INPUTS
DUAL RANGE INPUT: ±24 mV OR ±240 mV
SELECTABLE 5 VDC OR 10 VDC BRIDGE EXCITATION
PROGRAMMABLE AUTO-ZERO TRACKING
PAXS SPECIFICATIONS
SENSOR INPUTS:
PAXH SPECIFICATIONS
INPUT RANGES:
Isolation To Option Card Commons and User Input Commons: 125 Vrms
Isolation To AC Power Terminals: 250 Vrms
*Conditions for accuracy specification:
- 20 minutes warmup
- 18-28°C temperature range, 10-75% RH non-condensing
- 50 Hz - 400 Hz sine wave input with 1.414 crest factor
- 1% to 100% of range
For conditions outside the above listed:
Temperature from 0-18 and 28-50°C: Add 0.1% reading + 20 counts error
Crest factors:
1-3: Add 0.2% reading + 10 counts error
3-5: Add 1% reading
DC component: Add 0.5% reading + 10 counts
20-50 Hz and 400-10 KHz: Add 1% reading + 20 counts error
** Non-repetitive surge rating: 15 A for 5 seconds
*** Inputs are direct coupled to the input divider and shunts. Input signals with
high DC component levels may reduce the usable range.
MAX CREST FACTOR (Vp/VRMS): 5 @ Full Scale Input
INPUT COUPLING: AC or AC and DC
INPUT CAPACITANCE: 10 pF
COMMON MODE VOLTAGE: 125 VAC working
COMMON MODE REJECTION: (DC to 60 Hz) 100 dB
INPUT
RANGE
ACCURACY*
MAX DC
BLOCKING
IMPEDANCE
(60 Hz)
MAX
CONTINUOUS
OVERLOAD
RESOLUTION
2 mA
0.1% of reading
+2 µA
±
50 mA
111 ohm
50 mA
0.1 µA
20 mA
0.1% of reading
+20 µA
±
150 mA
11.1 ohm
150 mA
1 µA
200 mA 0.1% of reading
+0.2 mA
±
500 mA
1.1 ohm
500 mA
10 µA
5 A
0.5% of reading
+5 mA
±
7 A***
0.02 ohm
7 A**
1 mA
200 mV
0.1% of reading
+0.4 mV
±
10 V
686 Kohm
30 V
0.01 mV
2 V
0.1% of reading
+2 mV
±
50 V
686 Kohm
30 V
0.1 mV
20 V
0.1% of reading
+20 mV
±
300 V
686 Kohm
300 V
1 mV
300 V
0.2% of reading
+0.3 V
±
300 V***
686 Kohm
300 V
0.1 V
200 µA
0.1% of reading
+0.4 µA
±
15 mA
1.11 Kohm
15 mA
0.01 µA
CONNECTION TYPE: 4-wire bridge (differential)
2-wire (single-ended)
COMMON MODE RANGE (w.r.t. input common): 0 to +5 VDC
Rejection: 80 dB (DC to 120 Hz)
BRIDGE EXCITATION :
Jumper Selectable: 5 VDC @ 65 mA max., ±2%
10 VDC @ 125 mA max., ±2%
Temperature coefficient (ratio metric): 20 ppm/°C max.
INPUT RANGE
ACCURACY*
(18 to 28 °C)
ACCURACY*
(0 to 50 °C)
IMPEDANCE
MAX
CONTINUOUS
OVERLOAD
RESOLUTION
±
24 mVDC
0.02% of
reading +3 µV
0.07% of
reading +4 µV
100 Mohm
30 V
1 µV
±
240 mVDC
0.02% of
reading +30 µV
0.07% of
reading +40 µV 100 Mohm
30 V
10 µV
* After 20 minute warm-up. Accuracy is specified in two ways: Accuracy over an 18
to 28 °C and 10 to 75% RH environment; and accuracy over a 0 to 50 °C and 0 to
85% RH (non-condensing environment). Accuracy over the 0 to 50 °C range
includes the temperature coefficient effect of the meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com