Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 16 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 16 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 12Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 13Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 14Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 15Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 16Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 17Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 18Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 19Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 20Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
16
6.1 mOdUle 1 - signal inpUT parameTers ()




PAXH INPUT RANGE
PAXH INPUT COUPLE
Select the input range that corresponds to the external signal. This selection
should be high enough to avoid input signal overload but low enough for the
desired input resolution. This selection and the position of the Input Range
Jumper must match.
The input signal can be either AC coupled (rejecting the DC components of
the signal) or DC coupled (measures both the AC and DC components of the
signal). The coupling jumper and the setting of this parameter must match.

or

SELECTION




RANGE
RESOLUTION
5.000 A
200.00 mA
20.000 mA
2.0000 mA
200.00 µA

RANGE
RESOLUTION
SELECTION
300.0 V

20.000 V

2.0000 V

200.00 mV

1-INP
Display
Decimal Point
dECPt
Input
Range
rAN6E
Display
Rounding
round
Scaling
Style
StYLE
FILtr
Filter
Setting
bANd
Filter
Band
Scaling
Points
PtS
Display x
Value
dSP
Input x
Value
INP
xx
PAR
Pro
COUPL
Input
Couple
PAXH
ONLY
1-INP
Temperature
Scale
dECPt
Input
Type
tYPE
Display
Rounding
round
Scaling
Points
PtS
OFFSt
Display
Offset
bANd
Filter
Band
Ice Point
Slope
ICE
Display x
Value
dSP
Input x
Value
INP
xx
PAR
Pro
Custom Scaling Only
SCALE
Display
Decimal Point
FILtr
Filter
Setting
PAX PARAMETER MENU
PAXT PARAMETER MENU


PAXD INPUT RANGE
Select the input range that corresponds to the external signal. This selection
should be high enough to avoid input signal overload but low enough for the
desired input resolution. This selection and the position of the Input Range
Jumper must match.


10000 ohm
1000.0 ohm
±200.00 mV

±2.0000 A

SELECTION
RANGE
RESOLUTION
RANGE
RESOLUTION
SELECTION


100.00 ohm
±300.00 V
±200.00 mA



±20.000 V
±2.0000 V
±20.000 mA

±2.0000 mA

±200.00 µA

Refer to the appropriate Input Range for the selected
meter. Use only one Input Range, then proceed to Display
Decimal Point.


PAXP INPUT RANGE
Select the input range that corresponds to the external signal.
10.000 V

20.000 mA

RANGE
RESOLUTION
SELECTION


PAXS INPUT RANGE
Select the input range that corresponds to the external signal. This selection
should be high enough to avoid input signal overload but low enough for the
desired input resolution. This selection and the position of the Input Range
Jumper must match.
RANGE
RESOLUTION

SELECTION
±24 mV

±240 mV


PAXT INPUT TYPE
Select the input type that corresponds to the input sensor. For RTD types,
check the RTD Input Jumper for matching selection. For custom types, the
Temperature Scale parameter is not available, the Display Decimal Point is
expanded, and Custom Sensor Scaling must be completed.


Custom RTD Low
Custom RTD High
N TC

B TC



Custom TC
RTD copper 10 Ω
S TC

R TC

SELECTION
TYPE
TYPE
SELECTION


RTD nickel 672
RTD platinum 392
K TC



RTD platinum 385
C TC
J TC

E TC

T TC



PAXT TEMPERATURE SCALE
Select the temperature scale. This selection applies for Input, MAX, MIN,
and TOT displays. This does not change the user installed Custom Units
Overlay display. If changed, those parameters that relate to the temperature
scale should be checked. This selection is not available for custom sensor types.







DISPLAY DECIMAL POINT
Select the decimal point location for the Input,
MAX and MIN displays. (The
TOT display decimal point is a separate parameter.) This selection also affects

,  and  parameters and setpoint values.
For the PAXT, these are only
available with Custom Scaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com