| Electronic Components Datasheet Search |
|
PAXUSB00 Datasheet(PDF) 25 Page - Red Lion Controls. Inc |
|
|
|||||||||||||||||||||||||||||
PAXUSB00 Datasheet(HTML) 25 Page - Red Lion Controls. Inc |
|
25 / 36 page ![]() 25 7-SrL dAtA Baud Rate bAUd Parity Bit PAr Print Total Value tot Addr Meter Address Abrv Abbreviated Printing Print Input Value INP SPNt HILO PAR Pro Data Bit Print Max & Min Values Print Setpoint Values OPt Print Options 6roSS Gross tArE Tare PAXS ONLY PAXS ONLY 6.7 mOdUle 7 - serial COmmUniCaTiOns parameTers () Ñ PARAMETER MENU DATA BIT PARITY BIT BAUD RATE Set the baud rate to match that of other serial communications equipment. Normally, the baud rate is set to the highest value that all of the serial communications equipment is capable of transmitting. Select either 7 or 8 bit data word lengths. Set the word length to match that of other serial communication equipment. Since the meter receives and transmits 7-bit ASCII encoded data, 7 bit word length is sufficient to request and receive data from the meter. Set the parity bit to match that of the other serial communications equipment used. The meter ignores the parity when receiving data, and sets the parity bit for outgoing data. If no parity is selected with 7-bit word length the meter transmits and receives data with 2 stop bits. (For example: 10 bit frame with mark parity) ABBREVIATED PRINTING PRINT OPTIONS METER ADDRESS to Enter the serial node address. With a single unit on a bus, an address is not needed and a value of zero can be used (RS232 applications). Otherwise, with multiple bussed units, a unique address number must be assigned to each meter. The node address applies specifically to RS485 applications. Select abbreviated transmissions (numeric only) or full field transmission. When the data from the meter is sent directly to a terminal for display, the extra characters that are sent identify the nature of the meter parameter displayed. In this case, select . When the data from the meter goes to a computer, it may be desirable to suppress the node address and mnemonic when transmitting. In this case, set this parameter to . - Enters the sub-menu to select those meter parameters to appear in the block print. For each parameter in the sub-menu select for the parameter to appear with the block print, and to disable the parameter. *Setpoints 1-4 are setpoint plug-in card dependent. Gross Value (PAXS Only) Tare Value (PAXS Only) Input Value Max and Min Values Total Value Setpoint values* Ñ - A communication card must be installed in order to access this module. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |