Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAXUSB00 Datasheet(PDF) 23 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 23 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 19Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 20Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 21Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 22Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 23Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 27Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
23
6-SPt
ACt-n
Setpoint
Select
SPSEL
Setpoint
Value
SP-n
Output
Logic
out-n
HYS-n
Setpoint
Hysteresis
tON-n
On Time
Delay
Off Time
Delay
tOF-n
Standby
Operation
Stb-n
Reset
Action
rSt-n
PAR
Pro
Burn-out
Action
brn-n
Setpoint
Action
LIt-n
Setpoint
Annunciators
PAXT
ONLY
6.6 mOdUle 6 - seTpOinT (alarm) parameTers () Ñ
PARAMETER MENU
Enter the setpoint (alarm output) to be programmed. The  in the following
parameters will reflect the chosen setpoint number. After the chosen setpoint is
completely programmed, the display will return to  . Repeat step for
each setpoint to be programmed. The  chosen at  will return to  .
The number of setpoints available is setpoint output card dependent.







SETPOINT SELECT
* Deviation and band action setpoints are relative to the value of setpoint 1.
It is not possible to configure setpoint 1 as deviation or band actions. It is
possible to use setpoint 1 for an absolute action, while its value is being used
for deviation or band.
** The lower Totalizer action  allows setpoints to function off of the
lower 5 digits of the Totalizer. The upper Totalizer action  allows
setpoints to function off of the upper 4 digits of the Totalizer. To obtain
absolute low alarms for the Totalizer, program the  or  output
logic as reverse.
Enter the action for the selected setpoint (alarm output). See Setpoint Alarm
Figures for a visual detail of each action.
SETPOINT ACTION












=

Absolute high, with balanced hysteresis
Absolute low, with balanced hysteresis
Absolute high, with unbalanced hysteresis
Absolute low, with unbalanced hysteresis
Deviation low, with unbalanced hysteresis *
=

Outside band, with unbalanced hysteresis *
Upper Totalizer absolute high, unbalance hysteresis**
=

=

=

=

=

=

=

=

Setpoint always off, (returns to SPSEL NO)
Deviation high, with unbalanced hysteresis *
Lower Totalizer absolute high, unbalance hysteresis**
Setpoint Alarm Figures
With reverse output logic , the below alarm states are opposite.
ALARM
STATE
OFF
ON
Hys
SP + Hys
SP
OFF
TRIGGER POINTS
ALARM
STATE
ON
OFF
Hys
SP1 + (-SPn)
SP1
ON
TRIGGER POINTS
Absolute Low Acting (Unbalanced Hys) = 
Deviation High Acting (SP < 0) = 
ALARM
STATE
OFF
ON
Hys
SP + ½Hys
SP
SP - ½Hys
OFF
TRIGGER POINTS
ALARM
STATE
OFF
ON
Hys
SP1 + SPn
SP1
OFF
TRIGGER POINTS
ALARM
STATE
ON
OFF
Hys
SP1 - (-SPn)
SP1
ON
TRIGGER POINTS
Absolute Low Acting (Balanced Hys) = 
Deviation High Acting (SP > 0) = 
Deviation Low Acting (SP < 0)= 
ALARM
STATE
OFF
ON
Hys
SP
SP - Hys
OFF
TRIGGER POINTS
ALARM
STATE
OFF
ON
Hys
SP1 - SPn
SP1
OFF
TRIGGER POINTS
ALARM
STATE
OFF
ON
Hys
SP1 - SPn
SP1
OFF
SP1 + SPn
ON
OFF
Hys
TRIGGER POINTS
Absolute High Acting (Unbalanced Hys) = 
This is also for Totalizer alarms: 
, 
Deviation Low Acting (SP > 0) = 
Band Outside Acting = 
ALARM
STATE
OFF
ON
Hys
SP + ½Hys
SP
SP - ½Hys
OFF
TRIGGER POINTS
Absolute High Acting (Balanced Hys) = 
Depending on the card installed, there will be two or four setpoint outputs
available. For maximum input frequency, unused Setpoints should be configured
for  action.
The setpoint assignment and the setpoint action determine certain setpoint
feature availability.
Ñ
- A setpoint card must be installed in order to access this module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com