Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII3531A Datasheet(PDF) 13 Page - Silicon image

Part # SII3531A
Description  PCI Express to Serial ATA Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3531A Datasheet(HTML) 13 Page - Silicon image

Back Button SII3531A Datasheet HTML 9Page - Silicon image SII3531A Datasheet HTML 10Page - Silicon image SII3531A Datasheet HTML 11Page - Silicon image SII3531A Datasheet HTML 12Page - Silicon image SII3531A Datasheet HTML 13Page - Silicon image SII3531A Datasheet HTML 14Page - Silicon image SII3531A Datasheet HTML 15Page - Silicon image SII3531A Datasheet HTML 16Page - Silicon image SII3531A Datasheet HTML 17Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
PCI Express to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0208-C
13
2.7 Power Supply Noise Requirements
Limits
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VNOISE_VDDA 1.8V Analog Power Noise
50
mV
VNOISE_VDDD 1.8V Digital Power Noise
100
mV
VNOISE_VDDO 3.3V IO Power Noise
peak-to-peak sinewave across
50KHz to 50MHz frequency
range.
Measured with differential probe
trigger by noise source
200
mV
Table 2-11 Power Supply Noise Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com