Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII3531A Datasheet(PDF) 39 Page - Silicon image

Part # SII3531A
Description  PCI Express to Serial ATA Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3531A Datasheet(HTML) 39 Page - Silicon image

Back Button SII3531A Datasheet HTML 35Page - Silicon image SII3531A Datasheet HTML 36Page - Silicon image SII3531A Datasheet HTML 37Page - Silicon image SII3531A Datasheet HTML 38Page - Silicon image SII3531A Datasheet HTML 39Page - Silicon image SII3531A Datasheet HTML 40Page - Silicon image SII3531A Datasheet HTML 41Page - Silicon image SII3531A Datasheet HTML 42Page - Silicon image SII3531A Datasheet HTML 43Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
PCI Express to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0208-C
39
Interrupt Cause
Interrupt Status Bit
To Clear:
To Enable:
To Disable:
Masked
Raw
Command
Complete
0
16
If Interrupt W1C == 0
Read Slot Status
If Interrupt W1C == 1
Write 1 to Port
Interrupt Status bit 0
or 16,
OR,
write one to desired
port bit(s) in Global
Interrupt Status.
Write 1 to Interrupt
Enable Set bit 0
Write 1 to Interrupt
Enable Clear bit 0
OR
Write 1 to
control_interrupt_mask in
PRB Control field
Command Error
1
17
Write 1 to Interrupt
Status bit 1 or 17
Write 1 to Interrupt
Enable Set bit 1
Write 1 to Interrupt
Enable Clear bit 1
Port Ready
2
18
Write 1 to Interrupt
Status bit 2 or 18
Write 1 to Interrupt
Enable Set bit 2
Write 1 to Interrupt
Enable Clear bit 2
Power
Management
Change
3
19
Write 1 to Interrupt
Status bit 3 or 19
Write 1 to Interrupt
Enable Set bit 3
Write 1 to Interrupt
Enable Clear bit 3
PHY Ready
Change
4
20
Write 1 to Interrupt
Status bit 4 or 20
Write 1 to Interrupt
Enable Set bit 4
Write 1 to Interrupt
Enable Clear bit 4
COMWAKE
Received
5
21
Write 1 to Interrupt
Status bit 5 or 21
Write 1 to Interrupt
Enable Set bit 5
Write 1 to Interrupt
Enable Clear bit 5
Unrecognized FIS
Received
6
22
Write 1 to Interrupt
Status bit 6 or 22
Write 1 to Interrupt
Enable Set bit 6
Write 1 to Interrupt
Enable Clear bit 6
Device Exchanged
7
23
Write 1 to Interrupt
Status bit 7 or 23
Write 1 to Interrupt
Enable Set bit 7
Write 1 to Interrupt
Enable Clear bit 7
8b/10b Decode
Error Threshold
8
24
Write 1 to Interrupt
Status bit 8 or 24
OR
Write any value to
8b/10b Decode Error
Counter bits[15:0]
Write non-zero value
to 8b/10b Decode
Error Counter
bits[31:16]
Write zero to 8b/10b
Decode Error Counter
bits[31:16]
CRC Error
Threshold
9
25
Write 1 to Interrupt
Status bit 9 or 25
OR
Write any value to
CRC Error Counter
bits[15:0]
Write non-zero value
to CRC Error Counter
bits[31:16]
Write zero to CRC Error
Counter bits[31:16]
Handshake Error
Threshold
10
26
Write 1 to Interrupt
Status bit 10 or 26
OR
Write any value to
Handshake Error
Counter bits[15:0]
Write non-zero value
to Handshake Error
Counter bits[31:16]
Write zero to Handshake
Error Counter bits[31:16]
Set Device Bits
Notification
Received
11
27
Write 1 to Interrupt
Status bit 11 or 27
Write 1 to Interrupt
Enable Set bit 11
Write 1 to Interrupt
Enable Clear bit 11
Table 5-12 Port Interrupt Causes And Control
5.4.8
Command Completion – The Slot Status Register
The Slot Status register is designed such that an interrupt service routine can determine the successful completion state of
outstanding commands, dismiss the command completion interrupt, and determine if any other enabled interrupt events are
pending in a port with a single read of the Slot Status register.
The Slot Status Register (Port offset 0x1800 or Global offset 0x00 + (port * 4)) bits 0 through 30 reflect the status of each of
the 31 command slots in a port. When a PRB is issued to a command slot, the corresponding bit in the Slot Status register is
set to one, indicating that the command is in progress. When a command is successfully completed, the corresponding
command slot bit is cleared in the Slot Status register. The host driver may read the Slot Status register at any time to
determine the activity state of any issued commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com