Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII3531A Datasheet(PDF) 49 Page - Silicon image

Part # SII3531A
Description  PCI Express to Serial ATA Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3531A Datasheet(HTML) 49 Page - Silicon image

Back Button SII3531A Datasheet HTML 45Page - Silicon image SII3531A Datasheet HTML 46Page - Silicon image SII3531A Datasheet HTML 47Page - Silicon image SII3531A Datasheet HTML 48Page - Silicon image SII3531A Datasheet HTML 49Page - Silicon image SII3531A Datasheet HTML 50Page - Silicon image SII3531A Datasheet HTML 51Page - Silicon image SII3531A Datasheet HTML 52Page - Silicon image SII3531A Datasheet HTML 53Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
PCI Express to Serial ATA Controller
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0208-C
49
6.1.14 MSI Capability
Address Offset: 5CH
Access Type: Read/Write
Reset Value: 0x0080_7005
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Reserved
Multiple
Message
Enable
Multiple
Message
Capable
Next Capability Pointer
Capability ID
This register defines the MSI Capability Message Control. The register bits are defined below.
•
Bit [31:24]: Reserved (R) – This bit field is reserved and returns zeros on a read.
•
Bit [23]: 64-bit Addr (R) – 64-bit Address Capable. This bit is hardwired to 1.
•
Bit [22:20]: Multiple Message Enable (R/W) – This bit field defaults to 000B.
•
Bit [19:17]: Multiple Message Capable (R) – This bit field is hardwired to 000B.
•
Bit [16]: MSI Enable (R/W) – This bit is set to enable Message Signaled Interrupts.
•
Bit [15:08]: Next Capability Pointer (R) –Next Capability Pointer. This bit field is hardwired to 70H to point to the
3
rd Capabilities register, the PCI Express Capability.
•
Bit [07:00]: Capability ID (R) – This bit field is hardwired to 05H to indicate that this is a MSI Capability.
6.1.15 Message Address
Address Offset: 60H-67H
Access Type: Read/Write
Reset Value: 0x0000_0000_0000_0000
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
Message Address Upper
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Message Address
00
This register specifies the memory address for an MSI memory write transaction. The memory address must be of a Dword
(bits 1:0 must be 0).
6.1.16 MSI Message Data
Address Offset: 68H
Access Type: Read/Write
Reset Value: 0x0000_0000
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 09 08 07 06 05 04 03 02 01 00
Reserved
Message Data
This register specifies the MSI Message Data. The register bits are defined below.
•
Bit [31:16]: Reserved (R) – This bit field is reserved and returns zeros on a read.
•
Bit [15:00]:
Message Data (R/W) – This bit field specifies the Message Data for an MSI memory write
transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com