Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWPR Datasheet(PDF) 19 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 15Page - Texas Instruments THS6012CDWPR Datasheet HTML 16Page - Texas Instruments THS6012CDWPR Datasheet HTML 17Page - Texas Instruments THS6012CDWPR Datasheet HTML 18Page - Texas Instruments THS6012CDWPR Datasheet HTML 19Page - Texas Instruments THS6012CDWPR Datasheet HTML 20Page - Texas Instruments THS6012CDWPR Datasheet HTML 21Page - Texas Instruments THS6012CDWPR Datasheet HTML 22Page - Texas Instruments THS6012CDWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
resistance increases, the output resistance of the amplifier becomes less dominant at high frequencies. To
compensate for this, the feedback resistor should change. For 100-
Ω loads, it is recommended that the feedback
resistor be changed to 820
Ω for a gain of 1 and 560 Ω for a gain of 2 or -1. Although, for most applications, a
feedback resistor value of 1 k
Ω is recommended, which is a good compromise between bandwidth and phase
margin that yields a very stable amplifier.
Consistent with current feedback amplifiers, increasing the gain is best accomplished by changing the gain
resistor, not the feedback resistor. This is because the bandwidth of the amplifier is dominated by the feedback
resistor value and internal dominant-pole capacitor. The ability to control the amplifier gain independently of the
bandwidth constitutes a major advantage of current feedback amplifiers over conventional voltage feedback
amplifiers. Therefore, once a frequency response is found suitable to a particular application, adjust the value of
the gain resistor to increase or decrease the overall amplifier gain.
Finally, it is important to realize the effects of the feedback resistance on distortion. Increasing the resistance
decreases the loop gain and increases the distortion. It is also important to know that decreasing load impedance
increases total harmonic distortion (THD). Typically, the third order harmonic distortion increases more than the
second order harmonic distortion.
OFFSET VOLTAGE
The output offset voltage, (VOO) is the sum of the input offset voltage (VIO) and both input bias currents (IIB) times
the corresponding gains. The following schematic and formula can be used to calculate the output offset voltage:
Figure 40. Output Offset Voltage Model
Copyright © 1998–2012, Texas Instruments Incorporated
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com