Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWPR Datasheet(PDF) 10 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 6Page - Texas Instruments THS6012CDWPR Datasheet HTML 7Page - Texas Instruments THS6012CDWPR Datasheet HTML 8Page - Texas Instruments THS6012CDWPR Datasheet HTML 9Page - Texas Instruments THS6012CDWPR Datasheet HTML 10Page - Texas Instruments THS6012CDWPR Datasheet HTML 11Page - Texas Instruments THS6012CDWPR Datasheet HTML 12Page - Texas Instruments THS6012CDWPR Datasheet HTML 13Page - Texas Instruments THS6012CDWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
1
100
VCC = ±15 V
TA = 25°C
In+ Noise
f − Frequency − Hz
10
100
1k
10k
100k
10
1
100
In− Noise
Vn Noise
f − Frequency − Hz
100
1M
10M
100M
−2
−4
−6
−8
−3
−5
−7
2
0
1
−1
VCC = ±15 V
VI = 200 mV
RL = 25 Ω
Gain = 1
TA = 25°C
RF = 510 Ω
RF = 300 Ω
RF = 750 Ω
RF = 1 kΩ
500M
0
Output Step (Peak−To−Peak) − V
1500
100
20
900
5
1100
700
10
1300
500
300
VCC = ± 15V
Gain = 5
RF = 1 kΩ
RL = 25 Ω
15
+SR
−SR
0
Output Step (Peak−To−Peak) − V
1000
100
5
700
1
800
600
2
3
900
500
300
4
VCC = ± 5V
Gain = 2
RF = 1 kΩ
RL = 25 Ω
400
200
+SR
−SR
THS6012
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
www.ti.com
SLEW RATE
SLEW RATE
vs
vs
OUTPUT STEP
OUTPUT STEP
Figure 13.
Figure 14.
INPUT VOLTAGE AND CURRENT NOISE
NORMALIZED FREQUENCY RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
10
Copyright © 1998–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com