Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWPR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 7Page - Texas Instruments THS6012CDWPR Datasheet HTML 8Page - Texas Instruments THS6012CDWPR Datasheet HTML 9Page - Texas Instruments THS6012CDWPR Datasheet HTML 10Page - Texas Instruments THS6012CDWPR Datasheet HTML 11Page - Texas Instruments THS6012CDWPR Datasheet HTML 12Page - Texas Instruments THS6012CDWPR Datasheet HTML 13Page - Texas Instruments THS6012CDWPR Datasheet HTML 14Page - Texas Instruments THS6012CDWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
f − Frequency − Hz
−10
10M
100k
20
30
500M
40
70
1M
100M
50
60
Gain = 1000
0
10
VCC = ± 5 V
RG =10 Ω
RL = 25 Ω
VO = 2 V
Gain = 100
f − Frequency − Hz
1
0
10M
100k
4
5
500M
6
9
1M
100M
7
8
2
3
VCC = ± 5 V
Gain = 2
RL = 25 Ω
VI = 200 mV
RF = 820 Ω
RF = 1.2 kΩ
RF = 510 Ω
f − Frequency − Hz
100K
1M
10M
100M
−1
−3
−5
−7
−2
−4
−6
1
2
0
VCC = ±15 V
Vin = 200 mV
RL = 25 Ω
Gain = 2
TA = 25°C
−8
−10
−9
500M
RF = 470 Ω
RF = 360 Ω
RF = 620 Ω
RF = 1 kΩ
f − Frequency − Hz
−5
−6
10M
100k
−2
−1
500M
0
3
1M
100M
1
2
−4
−3
VCC = ± 5 V
Gain = 1
RL = 25 Ω
VI = 200 mV
RF = 1 kΩ
RF = 1.5 kΩ
RF = 620 Ω
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
NORMALIZED FREQUENCY RESPONSE
OUTPUT AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 17.
Figure 18.
OUTPUT AMPLITUDE
OUTPUT AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
Copyright © 1998–2012, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com