Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6012CDWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # THS6012CDWPR
Description  500-mA DUAL DIFFERENTIAL LINE DRIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6012CDWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6012CDWPR Datasheet HTML 5Page - Texas Instruments THS6012CDWPR Datasheet HTML 6Page - Texas Instruments THS6012CDWPR Datasheet HTML 7Page - Texas Instruments THS6012CDWPR Datasheet HTML 8Page - Texas Instruments THS6012CDWPR Datasheet HTML 9Page - Texas Instruments THS6012CDWPR Datasheet HTML 10Page - Texas Instruments THS6012CDWPR Datasheet HTML 11Page - Texas Instruments THS6012CDWPR Datasheet HTML 12Page - Texas Instruments THS6012CDWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
±VCC − Supply Voltage − V
5
6
7
8
11
12
10
9
6
5
10
8
9
7
TA = 25°C
RF = 1 kΩ
Gain = +1
14
15
13
12
11
TA − Free-Air Temperature − °C
−40
−20
0
20
80
100
60
40
10
6
2
0
8
4
12
VCC = ±15 V
VCC = ±5 V
13
TA − Free-Air Temperature − °C
−40
−20
0
20
80
100
60
40
90
80
70
65
85
75
95
VCC = 15 V
VCC = 5 V
VCC = −5 V
VCC = −15 V
G = 1
RF = 1 kΩ
1
0.1
0.01
0.001
1M
f − Frequency − Hz
100k
10M
100M
10
100
VCC = ±15 V
RF = 1 kΩ
Gain = 2
TA = 25°C
VI(PP) = 1 V
500M
VO
+
−
50
Ω
1 k
Ω
1 k
Ω
VI
THS6012
1 k
Ω
(
VI
VO
=
1000
Zo
)
− 1
THS6012
www.ti.com
SLOS226F – SEPTEMBER 1998 – REVISED JUNE 2012
POWER SUPPLY REJECTION RATIO
CLOSED-LOOP OUTPUT IMPEDANCE
vs
vs
FREE-AIR TEMPERATURE
FREQUENCY
Figure 9.
Figure 10.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 11.
Figure 12.
Copyright © 1998–2012, Texas Instruments Incorporated
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com