Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7660IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL7660IP
Description  CMOS VOLTAGE CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7660IP Datasheet(HTML) 3 Page - Texas Instruments

  TL7660IP Datasheet HTML 1Page - Texas Instruments TL7660IP Datasheet HTML 2Page - Texas Instruments TL7660IP Datasheet HTML 3Page - Texas Instruments TL7660IP Datasheet HTML 4Page - Texas Instruments TL7660IP Datasheet HTML 5Page - Texas Instruments TL7660IP Datasheet HTML 6Page - Texas Instruments TL7660IP Datasheet HTML 7Page - Texas Instruments TL7660IP Datasheet HTML 8Page - Texas Instruments TL7660IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
Electrical Characteristics
Electrical Characteristics
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
V
CC = 5 V, COSC = 0, LV = Open, TA = 25°C (unless otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
25
°C
45
110
ICC
Supply current
RL = ∞
–40
°C to 85°C
120
µA
–40
°C to 125°C
135
VCC,LOW
Supply voltage range (low)
RL = 10 kΩ, LV = GND
Full range
1.5
3.5
V
VCC,HIGH
Supply voltage range (high)
RL = 10 kΩ, LV Open
Full range
3
10
V
25
°C
45
70
IO = 20 mA
–40
°C to 85°C
85
–40
°C to 125°C
135
ROUT
Output source resistance
Ω
25
°C
125
VCC = 2 V, IO = 3 mA, LV = GND
–40
°C to 85°C
200
–40
°C to 125°C
250
fOSC
Oscillator frequency
25
°C
10
kHz
25
°C
96
98
η
POWER
Power efficiency
RL = 5 kΩ
%
–40
°C to 125°C
95
25
°C
99
99.9
η
VOUT
Voltage conversion efficiency
RL = ∞
%
–40
°C to 125°C
99
VCC = 2 V
1
M
Ω
ZOSC
Oscillator impedance
25
°C
VCC = 5 V
100
k
Ω
(1)
Full range is –40
°C to 85°C for the TL7660C and –40°C to 125°C for the TL7660I.
V
CC = 3 V, COSC = 0, LV = GND, (unless otherwise noted) (see Figure 1)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
24
50
ICC
Supply current(1)
RL = ∞
–40
°C to 85°C
60
µA
–40
°C to 125°C
75
25
°C
60
100
ROUT
Output source resistance
IO = 10 mA
–40
°C to 85°C
110
Ω
–40
°C to 125°C
120
25
°C
5
9
fOSC
Oscillator frequency
COSC = 0
kHz
–40
°C to 125°C
3
25
°C
96
98
η
POWER
Power efficiency
RL = 5 kΩ
%
–40
°C to 125°C
95
25
°C
99
η
VOUT
Voltage conversion efficiency
RL = ∞
%
–40
°C to 125°C
99
(1)
Derate linearly above 50
°C by 5.5 mW/°C.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com