Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7660IP Datasheet(PDF) 9 Page - Texas Instruments

Part # TL7660IP
Description  CMOS VOLTAGE CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL7660IP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL7660IP Datasheet HTML 5Page - Texas Instruments TL7660IP Datasheet HTML 6Page - Texas Instruments TL7660IP Datasheet HTML 7Page - Texas Instruments TL7660IP Datasheet HTML 8Page - Texas Instruments TL7660IP Datasheet HTML 9Page - Texas Instruments TL7660IP Datasheet HTML 10Page - Texas Instruments TL7660IP Datasheet HTML 11Page - Texas Instruments TL7660IP Datasheet HTML 12Page - Texas Instruments TL7660IP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
Typical Applications
Simple Negative Voltage Converter
1
2
3
4
8
7
6
5
+
TL7660
+
-
-
10 µF
V+
10 µF
V
= –V+
OUT
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
The majority of applications will undoubtedly utilize the TL7660 for generation of negative supply voltages.
Figure 3 shows typical connections to provide a negative supply negative (GND) for supply voltages below
3.5 V.
Figure 3. Simple Negative-Voltage Converter
The output characteristics of the circuit in Figure 3 can be approximated by an ideal voltage source in series with
a resistance. The voltage source has a value of –VCC. The output impedance (RO) is a function of the ON
resistance of the internal MOS switches (shown in Figure 2), the switching frequency, the value of C1 and C2,
and the ESR (equivalent series resistance) of C1 and C2. A good first order approximation for RO is:
RO ≈ 2(RSW1 + RSW3 + ESRC1) + 2(RSW2 + RSW4 + ESRC1)
RO ≈ 2(RSW1 + RSW3 + ESRC1) + 1/fPUMPC1 + ESRC2
Where fPUMP = fOSC/2 , RSWX = MOSFET switch resistance.
Combining the four RSWX terms as RSW, we see that:
RO ≈ 2 (RSW) + 1/fPUMPC1 + 4 (ESRC1) + ESRC2
RSW, the total switch resistance, is a function of supply voltage and temperature (See the Output Source
Resistance graphs). Careful selection of C1 and C2 reduces the remaining terms, minimizing the output
impedance. High value capacitors reduce the 1/fPUMPC1 component, and low ESR capacitors lower the ESR
term. Increasing the oscillator frequency reduces the 1/fPUMPC1 term but may have the side effect of a net
increase in output impedance when C1 > 10 µF and there is no longer enough time to fully charge the capacitors
every cycle. In a typical application where fOSC = 10 kHz and C = C1 = C2 = 10 µF:
RO ≈ 2(23) + 1/(5 × 10
3)(10–5) + 4(ESR
C1) + ESRC2
RO ≈ 46 + 20 + 5 (ESRC)
Because the ESRs of the capacitors are reflected in the output impedance multiplied by a factor of 5, a high
value could potentially swamp out a low 1/fPUMPC1 term, rendering an increase in switching frequency or filter
capacitance ineffective. Typical electrolytic capacitors may have ESRs as high as 10
Ω.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com