Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD50C/I Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 14Page - Texas Instruments TLC320AD50C/I Datasheet HTML 15Page - Texas Instruments TLC320AD50C/I Datasheet HTML 16Page - Texas Instruments TLC320AD50C/I Datasheet HTML 17Page - Texas Instruments TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments TLC320AD50C/I Datasheet HTML 21Page - Texas Instruments TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
2–3
SCLK
FS
DIN
(16-Bit)
DIN
(15+1-Bit)
16 SCLKs
LSB
LSB
1
2
15
16
D15
d15
D14
d14
D1
d1
D0
d0=0
MSB
MSB
17
see Note B
NOTES: A. The 16-bit or (15 + 1)-bit mode is programmed via control register 1.
B. d0 = 0 means no secondary communication request (software secondary communication request control—paragraph 3.2)
Figure 2–3. Timing Sequence of DAC Channel (Primary Communication Only)
During secondary communication, the digital control and configuration data (together with the register address), are
clocked in through DIN. These 16-bits of data are used either to initialize the register, or to read the register content
through DOUT. If a register initialization is not required, a no-operation word (DS15–DS8 are all set to 0) can be used.
If DS13 is set to 1, the content of the control register, specified by DS12–DS8, will be sent out through DOUT during
the same secondary communication (see section 2.1.5). The timing sequence is shown in Figure 2–4.
FS
DIN (16-Bit)
(see Note A)
16 SCLKs
16-Bit DAC Data
16 SCLKs
Primary
Secondary
Primary
DIN
(15 +1-Bit)
15-Bit DAC
Data + D0=1
(see Note B)
Register Read/Write
128 SCLKs
256 SCLKs
Register Read/Write
NOTES: A. FC has to be set high for a secondary communication request when 16–bit DAC data format is used (paragraph 3.2).
B. D0 = 1 means secondary communication request (software secondary communication request control—paragraph 3.2).
Figure 2–4. Timing Sequence of DAC Channel (Primary and Secondary Communication)
2.1.4
Serial Interface
The digital serial interface consists of the shift clock (SCLK), the frame-sync signal (FS), the ADC-channel data output
(DOUT), and the DAC-channel data input (DIN). During the primary frame synchronization interval, SCLK clocks the
ADC channel results out through DOUT and clocks 16-bit/(15+1)-bit DAC data in through DIN.
During the secondary frame-sync interval, SCLK clocks the register read data out through DOUT if the read bit (DS13)
is set to 1 and transfers control and device parameter in through DIN. The timing sequence is shown in Figures 2–2
and 2–4.
2.1.5
Register Programming
All register programming occurs during secondary communications through DIN, and data is latched and valid on the
falling edge of SCLK during the frame-sync signal. If the default value for a particular register is desired, that register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com