Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD50C/I Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 16Page - Texas Instruments TLC320AD50C/I Datasheet HTML 17Page - Texas Instruments TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments TLC320AD50C/I Datasheet HTML 21Page - Texas Instruments TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments TLC320AD50C/I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
2–5
Figure 2–6 is a timing diagram of this procedure.
FS
DIN
P
DOUT
Register Write
S
Low 8 Bits (DS0–DS7) are all 0
Figure 2–6. Register 1 Write Operation Timing Diagram
2.1.6
Sigma-Delta ADC
The sigma-delta analog-to-digital converter in the device is a sigma-delta modulator with 64-
× oversampling. The
ADC provides high-resolution, low-noise performance using oversampling techniques. Due to the oversampling
employed, only single-pole antialiasing filters are required on the analog inputs.
2.1.7
Decimation Filter
The decimation filters reduce the digital data rate to the sampling rate. This is accomplished by decimating with a ratio
of 1:64. The output of the decimation filter is a 16-bit 2s-complement data word clocking at the sample rate selected
for that particular data channel. The bandwidth of the filter is 0.439
× fsample and scales linearly with the sample rate.
2.1.8
Sigma-Delta DAC
The sigma-delta digital-to-analog converter in the device is a sigma-delta modulator with 256-
× oversampling. The
DAC provides high-resolution, low-noise performance using oversampling techniques.
2.1.9
Interpolation Filter
The interpolation filter resamples the digital data at a rate of 256 times the incoming sample rate. The high-speed
data output from the interpolation filter is then used in the sigma-delta DAC. The bandwidth of the filter is 0.439
×
fsample and scales linearly with the sample rate.
2.1.10 Analog and Digital Loopback
The analog and digital loopbacks provide a means of testing the modem data ADC/DAC channels and can be used
for in-circuit system-level tests. The analog loopback routes the DAC low-pass filter output into the analog input where
it is then converted by the ADC into a digital word. The digital loopback, enabled by setting bit D1 in control 1 register
to 1, routes the ADC output to the DAC input on the device. Analog loopback is enabled by setting bit D3 in control
2 register to 1 (see section 6).
2.1.11 FIR Overflow Flag
The decimator FIR filter sets an overflow flag (bit D5) of control 2 register to indicate that the input analog signal has
exceeded the range of the internal decimation filter calculations. Once the FIR overflow flag has been set in the
register, it remains set until the register is read by the user. Reading this value resets the overflow flag.
If FIR overflow occurs, the input signal must be attenuated either by the PGA or some other method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com