Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD50C/I Datasheet(PDF) 26 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments TLC320AD50C/I Datasheet HTML 24Page - Texas Instruments TLC320AD50C/I Datasheet HTML 25Page - Texas Instruments TLC320AD50C/I Datasheet HTML 26Page - Texas Instruments TLC320AD50C/I Datasheet HTML 27Page - Texas Instruments TLC320AD50C/I Datasheet HTML 28Page - Texas Instruments TLC320AD50C/I Datasheet HTML 29Page - Texas Instruments TLC320AD50C/I Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
2–11
2.8
Frame-Sync Function for TLC320AD52C
The frame-sync function for TLC320AD52C is very similar to that of the TLC320AD50C except the following:
1.
TLC320AD52C can support only one slave.
2.
The FSD terminal function can be disabled for TLC320AD52C by programming bit D2 in control 2 register.
3.
The FSD value loaded into control 3 register must be multiplied by 2 to obtain the actual number of SCLKs
for the delay.
For example, if FSD register (control register 3) is programmed with 49H, it means that the TLC320AD52C has one
slave and the FSD terminal has 18 SCLKs delay after master primary FS output. See Figure 2–14.
FS
FSD
256 SCLKs
MP
SP
MS
SS
MP
128 SCLKs
Delay is
≥18
SCLKs
(See Note A)
NOTE A: Minimum SCLK delay number in FSD register is 9. This means that a delay of at least 18 SCLKs is required for proper operation of the
TLC320AD52C.
Figure 2–14. Master Device FS and FSD Output After Control 3 Register
Is Programmed With 49H
2.9
Multiplexed Analog Input and Output
The two differential analog inputs (INP and INM or AUXP and AUXM) are multiplexed into the sigma-delta modulator.
The performance of the AUX channel is similar to the normal input channel. A single-pole antialias filter must be
connected to INP and INM (also AUXP and AUXM, if used). If an RC is used for the single-pole filter (Figure 2–15)
the value of R should not be greater that 1 k
Ω. The gain of the input amplifiers is set through the control register 4.
C
IN +
R
INP
C
IN –
R
INM
NOTES: A. The bandwidth of this RC antialias is determined by: (f0 = 1/(2π RC))
B. AUXP and AUXM need to be connected to AVSS if not used.
C. Bandwidth of the antialias filter can be 4
× fs.
D. The input signal must have AVDD/2 dc or it must be ac-coupled.
Figure 2–15. RC Antialias Filter
To produce the best possible common-mode rejection of unwanted signal performance, the analog signal is
processed differentially until it is converted to digital data. The signal applied to the terminals INM and INP should
be differential to preserve the device specifications. As much as 6 dB of signal level will be lost if the single-ended
input is used directly. The signal source driving the analog inputs (INP and INM or AUXP and AUXM) should have
a low source impedance for best low-noise performance and accuracy.
To obtain maximum dynamic range, the signal should be ac-coupled to the input terminal. The analog input signal
is self-biased to the midsupply voltage if the monitor-amplifier input source is selected as the same source for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com