Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD50C/I Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC320AD50C/I
Description   Sigma-Delta Analog Interface Circuits With Master-Slave Function
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AD50C/I Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 15Page - Texas Instruments TLC320AD50C/I Datasheet HTML 16Page - Texas Instruments TLC320AD50C/I Datasheet HTML 17Page - Texas Instruments TLC320AD50C/I Datasheet HTML 18Page - Texas Instruments TLC320AD50C/I Datasheet HTML 19Page - Texas Instruments TLC320AD50C/I Datasheet HTML 20Page - Texas Instruments TLC320AD50C/I Datasheet HTML 21Page - Texas Instruments TLC320AD50C/I Datasheet HTML 22Page - Texas Instruments TLC320AD50C/I Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
2–4
does not need to be addressed during the secondary communications interval. The no-op command (DS15–DS8 all
set to 0) addresses the pseudoregister (register 0), and no register programming takes place during the
communications.
In addition, each register can be read back through DOUT during secondary communications by setting the read bit
(DS13) to 1. When the register is in the read mode, no data can be written to the register during this cycle. DS13 must
be cleared to write to the register.
For example, if the contents of control register 1 is desired to be read out from DOUT, the following procedure must
be performed through DIN:
1.
Request secondary communication by setting either D0 = 1 (software request) or FC = high (hardware
request) during the primary communication interval.
2.
At the secondary communication interval (FS), send data in the following format in through DIN:
read
control register 1
0
0
1
0
0
0
0
1
x
x
x
x
x
x
x
x
DS15
DS0
3.
Then the following data will be read from DOUT, the last 8 bits of DOUT will contain the register 1 data.
read
control register 1
data
M/S
0
1
0
0
0
0
1
d
d
d
d
d
d
d
d
DS15
DS0
Figure 2–5 is a timing diagram of this procedure.
FS
DIN
P
DOUT
Low 8 Bits (DS0–DS7) are the
Content of Register 1
Register 1 Read
S
Figure 2–5. Register 1 Read Operation Timing Diagram
If control register 1 needs to be programmed, the following procedure must be performed through DIN:
1.
Request secondary communication by setting either D0 = 1 (software request) or FC = high (hardware
request) during the primary communication interval.
2.
At the secondary communication interval (FS), send data in the following format in through DIN:
write
control register 1
data
0
0
0
0
0
0
0
1
d
d
d
d
d
d
d
d
DS15
DS0
3.
Then the following data is generated from DOUT:
write
control register 1
M/S
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
DS15
DS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com