| Electronic Components Datasheet Search |
|
PIC16F753 Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F753 Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 230 page ![]() 2013-2015 Microchip Technology Inc. DS40001709C-page 47 PIC16F753/HV753 5.6 PORTC Registers PORTC is a 6-bit wide port with five bidirectional and one input-only pin. The corresponding data direction register is TRISC (Register 5-2). Setting a TRISC bit (= 1) will make the corresponding PORTC pin an input (i.e., disable the output driver). Clearing a TRISC bit (= 0) will make the corresponding PORTC pin an output (i.e., enables output driver and puts the contents of the output latch on the selected pin). The exception is RA3, which is input-only and its TRIS bit will always read as ‘1’. Example 5-1 shows how to initialize PORTC. Reading the PORTC register (Register 5-2) reads the status of the pins, whereas writing to it will write to the PORT latch. All write operations are read-modify-write operations. Therefore, a write to a port implies that the port pins are read, this value is modified and then written to the PORT data latch. RC3 reads ‘0’ when MCLRE = 1. The TRISC register controls the direction of the PORTC pins, even when they are being used as analog inputs. The user must ensure the bits in the TRISC register are maintained set when using them as analog inputs. I/O pins configured as analog input always read ‘0’. 5.6.1 PORTC FUNCTIONS AND OUTPUT PRIORITIES Each PORTC pin is multiplexed with other functions. The pins, their combined functions and their output priorities are shown in Table 5-1. When multiple outputs are enabled, the actual pin control goes to the peripheral with the highest priority. Analog input functions, such as comparator inputs, are not shown in the priority lists. These inputs are active when the peripheral is enabled and the input multiplexer for the pin is selected. The Analog mode, set with the ANSELC register, disables the digital input buffer thereby preventing excessive input current when the analog input voltage is between logic states. Digital output functions may control the pin when it is in Analog mode with the priority shown in Table 5-1. Note: The ANSEL register must be initialized to configure an analog channel as a digital input. Pins configured as analog inputs will read ‘0’ and cannot generate an interrupt. TABLE 5-3: PORTC OUTPUT PRIORITY Pin Name Function Priority RC0 OPA1IN+ C2IN0+ RC0 RC1 OPA1IN- C1IN1- C2IN1- RC1 RC2 SLPCIN OPA1OUT C1IN2- C2IN2- RC2 RC3 C1IN3- C2IN3- RC3 RC4 COG1OUT1 C2OUT RC4 RC5 COG1OUT0 CCP1 RC5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |