Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F753 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 7Page - Microchip Technology PIC16F753 Datasheet HTML 8Page - Microchip Technology PIC16F753 Datasheet HTML 9Page - Microchip Technology PIC16F753 Datasheet HTML 10Page - Microchip Technology PIC16F753 Datasheet HTML 11Page - Microchip Technology PIC16F753 Datasheet HTML 12Page - Microchip Technology PIC16F753 Datasheet HTML 13Page - Microchip Technology PIC16F753 Datasheet HTML 14Page - Microchip Technology PIC16F753 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 11
PIC16F753/HV753
TABLE 2-1:
PIC16F753/HV753 SPECIAL REGISTERS SUMMARY BANK 0
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Value on
all other
Resets
Bank 0
00h
INDF
INDF<7:0>
xxxx xxxx
xxxx xxxx
01h
TMR0
TMR0<7:0>
xxxx xxxx
uuuu uuuu
02h
PCL
PCL<7:0>
0000 0000
0000 0000
03h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
04h
FSR
FSR<7:0>
xxxx xxxx
uuuu uuuu
05h
PORTA
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
06h
Unimplemented
07h
PORTC
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
08h
IOCAF
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
--00 0000
--00 0000
09h
IOCCF
IOCCF5
IOCCF4
IOCCF3
IOCCF2
IOCCF1
IOCCF0
--00 0000
--00 0000
0Ah
PCLATH
PCLATH<4:0>
---0 0000
---0 0000
0Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
0000 0000
0000 0000
0Ch
PIR1
TMR1GIF
ADIF
HLTMR2IF
HLTMR1IF
TMR2IF
TMR1IF
00--0000
00--0000
0Dh
PIR2
C2IF
C1IF
COG1IF
CCP1IF
--00 -0-0
--00 -0-0
0Eh
Unimplemented
0Fh
TMR1L
TMR1L<7:0>
xxxx xxxx
uuuu uuuu
10h
TMR1H
TMR1H<7:0>
xxxx xxxx
uuuu uuuu
11h
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
TMR1ON
0000 00-0
0000 00-0
12h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00
0000 0x00
13h
CCPR1L
CCPR1L<7:0>
xxxx xxxx
uuuu uuuu
14h
CCPR1H
CCPR1H<7:0>
xxxx xxxx
uuuu uuuu
15h
CCP1CON
DC1B<1:0>
CCP1M<3:0>
--00 0000
--00 0000
16h
Unimplemented
17h
Unimplemented
18h
Unimplemented
19h
Unimplemented
1Ah
Unimplemented
1Bh
Unimplemented
1Ch
ADRESL
Least Significant two bits of the left shifted result or eight bits of the right shifted result
xxxx xxxx
uuuu uuuu
1Dh
ADRESH
Most Significant eight bits of the left shifted A/D result or two bits of the right shifted result
xxxx xxxx
uuuu uuuu
1Eh
ADCON0
ADFM
CHS<3:0>
GO/DONE
ADON
0-00 0000
0-00 0000
1Fh
ADCON1
ADCS<2:0>
ADPREF1
-000 ---0
-000 ---0
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com