Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F753 Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 71Page - Microchip Technology PIC16F753 Datasheet HTML 72Page - Microchip Technology PIC16F753 Datasheet HTML 73Page - Microchip Technology PIC16F753 Datasheet HTML 74Page - Microchip Technology PIC16F753 Datasheet HTML 75Page - Microchip Technology PIC16F753 Datasheet HTML 76Page - Microchip Technology PIC16F753 Datasheet HTML 77Page - Microchip Technology PIC16F753 Datasheet HTML 78Page - Microchip Technology PIC16F753 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 75
PIC16F753/HV753
10.1.5
CAPTURE DURING SLEEP
Capture mode depends upon the Timer1 module for
proper operation. If the Timer1 clock input source is a
clock that is not disabled during Sleep, Timer1 will con-
tinue to operate and Capture mode will operate during
Sleep to wake the device. The T1CKI is an example of
a clock source that will operate during Sleep.
When the input source to Timer1 is disabled during
Sleep, such as the HFINTOSC, Timer1 will not
increment during Sleep. When the device wakes from
Sleep, Timer1 will continue from its previous state.
TABLE 10-1:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
DC1B<1:0>
CCP1M<3:0>
80
CCPR1L
CCPR1L<7:0>
74
CCPR1H
CCPR1H<7:0>
74
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
17
PIE1
TMR1GIE
ADIE
HLTMR2IE
HLTMR1IE
TMR2IE
TMR1IE
18
PIE2
C2IE
C1IE
COG1IE
CCP1IE
19
PIR1
TMR1GIF
ADIF
HLTMR2IF
HLTMR1IF
TMR2IF
TMR1IF
20
PIR2
C2IF
C1IF
COG1IF
CCP1IF
21
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON
65
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
66
TMR1H
TMR1H<7:0>
57*
TMR1L
TMR1L<7:0>
57*
TRISA
TRISA5
TRISA4
TRISA3(1)
TRISA2
TRISA1
TRISA0
43
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by Capture mode.
*
Page provides register information.
Note
1:
TRISA3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com