Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F753 Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 97Page - Microchip Technology PIC16F753 Datasheet HTML 98Page - Microchip Technology PIC16F753 Datasheet HTML 99Page - Microchip Technology PIC16F753 Datasheet HTML 100Page - Microchip Technology PIC16F753 Datasheet HTML 101Page - Microchip Technology PIC16F753 Datasheet HTML 102Page - Microchip Technology PIC16F753 Datasheet HTML 103Page - Microchip Technology PIC16F753 Datasheet HTML 104Page - Microchip Technology PIC16F753 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 101
PIC16F753/HV753
REGISTER 11-11: COGxBKR: COG RISING EVENT BLANKING COUNT REGISTER
U-0
U-0
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
GxBKR<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
GxBKR<3:0>: Rising Event Blanking Count Value bits
=
Number of COGx clock periods to inhibit falling event inputs
REGISTER 11-12: COGxBKF: COG FALLING EVENT BLANKING COUNT REGISTER
U-0
U-0
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
R/W-x/u
GxBKF<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
GxBKF<3:0>: Falling Event Blanking Count Value bits
=
Number of COGx clock periods to inhibit rising event inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com