Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4R9ZIT6P Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32L4R9ZIT6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R9ZIT6P Datasheet(HTML) 1 Page - STMicroelectronics

  STM32L4R9ZIT6P Datasheet HTML 1Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 2Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 3Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 4Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 5Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 6Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 7Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 8Page - STMicroelectronics STM32L4R9ZIT6P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 306 page
background image
This is information on a product in full production.
January 2018
DocID030321 Rev 3
1/306
STM32L4R5xx STM32L4R7xx
STM32L4R9xx
Ultra-low-power Arm® Cortex®-M4 32-bit MCU+FPU, 150DMIPS,
up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
Datasheet
- production data
Features
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/125 °C temperature range
– Batch acquisition mode (BAM)
– 305 nA in VBAT mode: supply for RTC and
32x32-bit backup registers
– 33 nA Shutdown mode (5 wakeup pins)
– 125 nA Standby mode (5 wakeup pins)
– 420 nA Standby mode with RTC
–2.8 μA Stop 2 with RTC
– 110 μA/MHz Run mode (LDO mode)
–43 μA/MHz Run mode (@ 3.3 V SMPS
mode)
– 5 µs wakeup from Stop mode
– Brownout reset (BOR) in all modes except
shutdown
– Interconnect matrix
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU,
adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait-state execution
from Flash memory, frequency up to 120 MHz,
MPU, 150 DMIPS/1.25 DMIPS/MHz
(Dhrystone 2.1), and DSP instructions
• Performance benckmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 409.20 Coremark® (3.41 Coremark/MHz
@120 MHz)
• Energy benckmark
– 233 ULPMark™CP score
– 56.5 ULPMark™PP score
• Clock sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
– Internal 48 MHz with clock recovery
– 3 PLLs for system clock, USB, audio, ADC
• RTC with HW calendar, alarms and calibration
• Up to 24 capacitive sensing channels: support
touchkey, linear and rotary touch sensors
• Advanced graphics features
– Chrom-ART Accelerator™ (DMA2D) for
enhanced graphic content creation
– Chrom-GRC™ (GFXMMU) allowing up to
20% of graphic resources optimization
–MIPI® DSI Host controller with two DSI
lanes running at up to 500 Mbits/s each
– LCD-TFT controller
• 16x timers: 2 x 16-bit advanced motor-control,
2 x 32-bit and 5 x 16-bit general purpose, 2x
16-bit basic, 2x low-power 16-bit timers
(available in Stop mode), 2x watchdogs,
SysTick timer
• Up to 136 fast I/Os, most 5 V-tolerant, up to 14
I/Os with independent supply down to 1.08 V
• Memories
– 2-Mbyte Flash, 2 banks read-while-write,
proprietary code readout protection
– 640 Kbytes of SRAM including 64 Kbytes
with hardware parity check
– External memory interface for static
memories supporting SRAM, PSRAM,
NOR, NAND and FRAM memories
– 2 x OctoSPI memory interface
• 4x digital filters for sigma delta modulator
• Rich analog peripherals (independent supply)
UFBGA132 (7 × 7)
LQFP144 (20 × 20) UFBGA169 (7 x 7)
LQFP100 (14 x 14) UFBGA144 (10 x 10)
WLCSP144
www.st.com


Similar Part No. - STM32L4R9ZIT6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L4R9ZIT6PTR STMICROELECTRONICS-STM32L4R9ZIT6PTR Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
STM32L4R9ZIT6PXXX STMICROELECTRONICS-STM32L4R9ZIT6PXXX Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
More results

Similar Description - STM32L4R9ZIT6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L4P5XX STMICROELECTRONICS-STM32L4P5XX Datasheet
6Mb / 310P
Ultra-low-power Arm®Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
December 2019 Rev1
STM32L4R5XX STMICROELECTRONICS-STM32L4R5XX Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
23-Jan-2020
STM32L4R5XX STMICROELECTRONICS-STM32L4R5XX_V01 Datasheet
5Mb / 307P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
January 2020 Rev 5
STM32L412C8 STMICROELECTRONICS-STM32L412C8 Datasheet
2Mb / 192P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
November 2020 Rev 8
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32U59XXX STMICROELECTRONICS-STM32U59XXX Datasheet
6Mb / 377P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI
16-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com