Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7021 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 5 Page - Texas Instruments

  TLV7021 Datasheet HTML 1Page - Texas Instruments TLV7021 Datasheet HTML 2Page - Texas Instruments TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
TLV7081
www.ti.com
SNOSD69A – MAY 2018 – REVISED JUNE 2018
Product Folder Links: TLV7081
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Over Operating Supply Voltage Range (Vs): 1.7 V to 5.5 V
6.5 Electrical Characteristics
Over the operating temperature range of TA = –40°C to +125°C, VS = 3.3 V, and VPULL-UP = V+ (unless otherwise
noted). Typical values are at TA = 25°C. Voltage at input pin (IN) is referenced to (V-).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input Offset Voltage
VS = 1.8 V and 3.3 V, TA = –40°C to
+125°C
–10
±1
10
mV
dVIO/dT
Input Offset Voltage Drift
TA = –40°C to +125°C
±3
µV/
℃
VHYS
Input Hysteresis Voltage
10
mV
VIN
Input Voltage Range (1)
0
5.6
V
IBIAS
Input bias current
IN = 5.6 V, positive value means current
entering pin (IN)
3
pA
ILEAK
Input leakage current
IN = 5.6 V, VS = 0 V, positive value means
current entering pin (IN)
4
pA
CI
Input Capacitance
1.9
pF
VOL
Low-Level Output Voltage
Sinking 200 µA, measured relative to (V-)
0.1
V
Sinking 2 mA, measured relative to (V-)
0.4
V
IO-SC
Short-circuit sink current
VS = 5 V
45
mA
IO-LKG
Output Leakage Current
IN = (V+) + 0.1V (output high), VPULL-UP
= (V+)
130
pA
PSRR
Power Supply Rejection Ratio
VS = 1.8 V to 5 V
75
dB
IS
Supply Current
no load, IN = (V+) – 0.1V (output low),
TA = 25°C
370
470
nA
no load, IN = (V+) – 0.1V (output low),
TA = –40°C to +125°C
630
(1)
High-to-low and low-to-high refers to the transition at the input pin (IN).
(2)
During power on, VS must exceed 1.7 V for 1 ms before the output is in a correct state.
6.6 Switching Characteristics
Typical values are at TA = 25°C, VS = 3.3 V; CL = 15 pF, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPHL
High-to-low propagation
delay (1)
Input overdrive = –100 mV
4
µs
tPLH
Low-to-high propagation
delay (1)
Input overdrive = +100 mV, RPULL-UP =
4.99 k
Ω
4
µs
tF
Output fall time
Measured from 20% to 80%
7
ns
tON
Start-up delay (2)
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com